Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1629-PG Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1629-PG
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629-PG Datasheet(HTML) 4 Page - Linear Technology

  LTC1629-PG Datasheet HTML 1Page - Linear Technology LTC1629-PG Datasheet HTML 2Page - Linear Technology LTC1629-PG Datasheet HTML 3Page - Linear Technology LTC1629-PG Datasheet HTML 4Page - Linear Technology LTC1629-PG Datasheet HTML 5Page - Linear Technology LTC1629-PG Datasheet HTML 6Page - Linear Technology LTC1629-PG Datasheet HTML 7Page - Linear Technology LTC1629-PG Datasheet HTML 8Page - Linear Technology LTC1629-PG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1629/LTC1629-PG
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: When the AMPMD pin is high, the IC pins are connected directly to
the internal op amp inputs. When the AMPMD pin is low, internal MOSFET
switches connect four 40k resistors around the op amp to create a
standard unity-gain differential amp.
Note 6: The minimum on-time condition corresponds to the on inductor
peak-to-peak ripple current
≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1629/LTC1629-PG: TJ = TA + (PD • 95°C/W)
Note 3: The LTC1629/LTC1629-PG are tested in a feedback loop that
servos VITH to a specified voltage and measures the resultant VEAIN.
VOS
Input Offset Voltage
Op Amp Mode; VCM = 2.5V; LTC1629 Only
6
mV
VDIFFOUT = 5V; IDIFFOUT = 1mA
IB
Input Bias Current
Op Amp Mode; LTC1629 Only
30
200
nA
AOL
Open Loop DC Gain
Op Amp Mode; 0.7V
≤ VDIFFOUT < 10V; LTC1629 Only
5000
V/mV
VCM
Common Mode Input Voltage Range
Op Amp Mode; LTC1629 Only
0
3
V
CMRROA
Common Mode Rejection Ratio
Op Amp Mode; 0V < VCM < 3V; LTC1629 Only
70
90
dB
PSRROA
Power Supply Rejection Ratio
Op Amp Mode; 6V < VIN < 30V; LTC1629 Only
70
90
dB
ICL
Maximum Output Current
Op Amp Mode; VDIFFOUT = 0V; LTC1629 Only
10
35
mA
VOMAX
Maximum Output Voltage
Op Amp Mode; IDIFFOUT = 1mA; LTC1629 Only
10
11
V
GBW
Gain-Bandwidth Product
Op Amp Mode; IDIFFOUT = 1mA; LTC1629 Only
2
MHz
SR
Slew Rate
Op Amp Mode; RL = 2k; LTC1629 Only
5
V/
µs
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Output Current
(Figure 12)
Efficiency vs Output Current
(Figure 12)
Efficiency vs Input Voltage
(Figure 12)
OUTPUT CURRENT (A)
0.1
100
80
60
40
20
0
1629 G01
1
10
100
VOUT = 3.3V
VEXTVCC = 5V
IOUT = 20A
VIN = 5V
VIN = 8V
VIN = 12V
VIN = 20V
OUTPUT CURRENT (A)
1
70
80
1629 G02
60
50
10
100
100
90
VEXTVCC = 0V
VOUT = 3.3V
VEXTVCC = 5V
VIN (V)
5
100
90
80
70
1629 G03
10
15
20
VOUT = 3.3V
VEXTVCC = 5V
IOUT = 20A


Similar Part No. - LTC1629-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1629-PG LINER-LTC1629-PG Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1629-PG LINER-LTC1629-PG_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1629-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1629 LINER-LTC1629_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629-PG LINER-LTC1629-PG_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com