Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4603HV Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4603HV
Description  6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603HV Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4603HV_15 Datasheet HTML 6Page - Linear Technology LTM4603HV_15 Datasheet HTML 7Page - Linear Technology LTM4603HV_15 Datasheet HTML 8Page - Linear Technology LTM4603HV_15 Datasheet HTML 9Page - Linear Technology LTM4603HV_15 Datasheet HTML 10Page - Linear Technology LTM4603HV_15 Datasheet HTML 11Page - Linear Technology LTM4603HV_15 Datasheet HTML 12Page - Linear Technology LTM4603HV_15 Datasheet HTML 13Page - Linear Technology LTM4603HV_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM4603HV
10
4603hvfa
For more information www.linear.com/LTM4603HV
operaTion
Power Module Description
The LTM4603HV is a standalone nonisolated switching
mode DC/DC power supply. It can deliver up to 6A of DC
output current with few external input and output capaci-
tors.Thismoduleprovidespreciselyregulatedoutputvolt-
ageprogrammableviaoneexternalresistorfrom0.6VDCto
5.0VDC over a 4.5V to 28V wide input voltage. The typical
application schematic is shown in Figure 20.
The LTM4603HV has an integrated constant on-time
current mode regulator, ultralow RDS(ON) FETs with fast
switching speed and integrated Schottky diodes. The typi-
cal switching frequency is 1MHz at full load. With current
mode control and internal feedback loop compensation,
the LTM4603HV module has sufficient stability margins
and good transient performance under a wide range of
operating conditions and with a wide range of output
capacitors, even all ceramic output capacitors.
Current mode control provides cycle-by-cycle fast current
limit. Besides, foldback current limiting is provided in an
overcurrent condition while VFB drops. Internal overvolt-
age and undervoltage comparators pull the open-drain
PGOOD output low if the output feedback voltage exits a
±10% window around the regulation point. Furthermore,
in an overvoltage condition, internal top FET Q1 is turned
off and bottom FET Q2 is turned on and held on until the
overvoltage condition clears.
Pulling the RUN pin below 1V forces the controller into its
shutdown state, turning off both Q1 and Q2. At low load
current, the module works in continuous current mode by
default to achieve minimum output voltage ripple.
When DRVCC pin is connected to INTVCC an integrated
5V linear regulator powers the internal gate drivers. If a
5V external bias supply is applied on the DRVCC pin, then
an efficiency improvement will occur due to the reduced
powerlossintheinternallinearregulator.Thisisespecially
true at the higher input voltage range.
The LTM4603HV has a very accurate differential remote
sense amplifier with very low offset. This provides for
very accurate output voltage sensing at the load. The
MPGM pin, MARG0 pin and MARG1 pin are used to sup-
port voltage margining, where the percentage of margin
is programmed by the MPGM pin, and the MARG0 and
MARG1 select margining.
The PLLIN pin provides frequency synchronization of the
device to an external clock. The TRACK/SS pin is used
for power supply tracking and soft-start programming.


Similar Part No. - LTM4603HV_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603HVEV-PBF LINER-LTM4603HVEV-PBF Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HVIV-PBF LINER-LTM4603HVIV-PBF Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HVV LINER-LTM4603HVV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
More results

Similar Description - LTM4603HV_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com