Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM2884 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM2884
Description  Isolated USB Transceiver with Isolated Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2884 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM2884_15 Datasheet HTML 3Page - Linear Technology LTM2884_15 Datasheet HTML 4Page - Linear Technology LTM2884_15 Datasheet HTML 5Page - Linear Technology LTM2884_15 Datasheet HTML 6Page - Linear Technology LTM2884_15 Datasheet HTML 7Page - Linear Technology LTM2884_15 Datasheet HTML 8Page - Linear Technology LTM2884_15 Datasheet HTML 9Page - Linear Technology LTM2884_15 Datasheet HTML 10Page - Linear Technology LTM2884_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM2884
7
2884f
For more information www.linear.com/LTM2884
Typical perForMance characTerisTics
VCC2 = Load Step Response,
0mA to 500mA (VCC = 12V)
VCC2 = Load Step Response,
0mA to 200mA (VCC = 5V)
ICC vs Temperature
Upstream VBUS Droop During
Plug-In with CLOAD = 100µF
Full Speed Data Start of Packet
VCC2 Ripple, VCC = 5V,
ICC2 = 200mA
VCC2 Start-Up Ramp
TA = 25°C, VCC = 5V, VBUS = 5V, GND = GND2 = 0V,
ON = 3.3V, unless otherwise noted.
2µs/DIV
100mV/DIV
2884 G10
VCC2 Ripple, VCC = 12V,
ICC2 = 500mA
100µs/DIV
500mV/DIV
200mA/DIV
2884 G13
VCC2
ICC2
100µs/DIV
500mV/DIV
200mA/DIV
2884 G14
VCC2
ICC2
TEMPERATURE (°C)
–50
70
30
60
20
50
40
10
0
–25
25
50
75
100
2884 G15
125
0
VCC = 12.5V
VCC = 16.5V
VCC = 5V
VCC = 8.1V
VCC = 4.4V
ICC2 = 0mA
500µs/DIV
1V/DIV
2884 G16
ISOLATED VCC2
HOST VBUS
PLUG IN TO HOST
100ns/DIV
500mV/DIV
2884 G17
D2+
D2
2µs/DIV
100mV/DIV
2884 G11
500µs/DIV
1V/DIV
2884 G12
ON
VCC2
VCC2 Droop/Plug-In Response
200µs/DIV
1V/DIV
2884 G16
VCC
VCC2


Similar Part No. - LTM2884_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2884 LINER-LTM2884 Datasheet
707Kb / 24P
   Isolated USB Transceiver with Isolated Power
logo
Analog Devices
LTM2884 AD-LTM2884 Datasheet
1Mb / 30P
   7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2884 AD-LTM2884 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results

Similar Description - LTM2884_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2884 LINER-LTM2884 Datasheet
707Kb / 24P
   Isolated USB Transceiver with Isolated Power
LTM2894 LINER-LTM2894 Datasheet
401Kb / 16P
   Isolated USB Data Transceiver
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
logo
Texas Instruments
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
   Isolated RS485 Transceiver
logo
Texas Instruments
ISO1050_101 TI-ISO1050_101 Datasheet
822Kb / 24P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
logo
Guangzhou Reicu Electro...
RS3485C REICU-RS3485C Datasheet
3Mb / 1P
   Isolated transceiver module
REV:18.2
logo
Texas Instruments
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com