Electronic Components Datasheet Search |
|
LTC6403-1 Datasheet(PDF) 4 Page - Linear Technology |
|
LTC6403-1 Datasheet(HTML) 4 Page - Linear Technology |
4 / 20 page LTC6403-1 4 64031fa SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage, Low, Either Output Pin (Note 10) VS = 3V, IL = 0 VS = 3V, IL = –5mA VS = 3V, IL = –20mA l l l 150 165 210 220 245 300 mV mV mV VS = 5V, IL = 0 VS = 5V, IL = –5mA VS = 5V, IL = –20mA l l l 165 175 225 265 275 350 mV mV mV ISC Output Short-Circuit Current, Either Output Pin (Note 11) VS = 2.7V VS = 3V VS = 5V l l l ±30 ±30 ±35 ±58 ±60 ±74 mA mA mA AVOL Large-Signal Voltage Gain VS = 3V 90 dB VS Supply Voltage Range l 2.7 5.25 V IS Supply Current VS = 2.7V VS = 3V VS = 5V l l l 10.7 10.8 11 11.8 11.8 12.1 mA mA mA ISHDN Supply Current in Shutdown VS = 2.7V VS = 3V VS = 5V l l l 0.16 0.17 0.26 0.5 0.5 1 mA mA mA VIL SHDN Input Logic Low VS = 2.7V to 5V l V+ – 2.1 V VIH SHDN Input Logic High VS = 2.7V to 5V l V+ – 0.6 V RSHDN SHDN Pull-Up Resistor VS = 5V, VSHDN = 2.9V to 0V 40 66 90 k Ω tON Turn-On Time VS = 3V, VSHDN = 0.5V to 3V 4μs tOFF Turn-Off Time VS = 3V, VSHDN = 3V to 0.5V 350 ns The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C, V+ = 3V, V– = 0V, VCM = VOCM = VICM = Mid-Supply, VSHDN = OPEN, RI = 402Ω, RF = 402Ω, RT = 25.5Ω, unless otherwise noted (See Figure 2). VS is defined (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT). VINDIFF is defined as (VINP – VINM). LTC6403-1 AC ELECTRICAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS tOVDR Output Overdrive Recovery No Glitches 70 ns SR Slew Rate VS = 3V VS = 5V 200 200 V/μS V/μS GBW Gain-Bandwidth Product VS = 3V VS = 5V 200 200 MHz MHz f3dB –3dB Frequency (See Figure 2) VS = 3V VS = 5V l l 100 100 200 200 MHz MHz HD2 HD3 3MHz Distortion VS = 3V, VOUTDIFF = 2VP-P Single-Ended Input 2nd Harmonic 3rd Harmonic –97 –95 dBc dBc HD2 HD3 3MHz Distortion VS = 3V, VOUTDIFF = 2VP-P Differential Input 2nd Harmonic 3rd Harmonic –106 –94 dBc dBc LTC6403-1 DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C, V+ = 3V, V– = 0V, VCM = VOCM = VICM = Mid-Supply, VSHDN = OPEN, RI = 402Ω, RF = 402Ω, RL = OPEN, RBAL = 100k (See Figure 1) unless otherwise noted. VS is defined as (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT). VINDIFF is defined as (VINP – VINM). |
Similar Part No. - LTC6403-1_15 |
|
Similar Description - LTC6403-1_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |