Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1626 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1626
Description  Low Voltage, High Efficiency Step-Down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1626 Datasheet(HTML) 2 Page - Linear Technology

  LTC1626 Datasheet HTML 1Page - Linear Technology LTC1626 Datasheet HTML 2Page - Linear Technology LTC1626 Datasheet HTML 3Page - Linear Technology LTC1626 Datasheet HTML 4Page - Linear Technology LTC1626 Datasheet HTML 5Page - Linear Technology LTC1626 Datasheet HTML 6Page - Linear Technology LTC1626 Datasheet HTML 7Page - Linear Technology LTC1626 Datasheet HTML 8Page - Linear Technology LTC1626 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1626
ABSOLUTE MAXIMUM RATINGS
(Voltages Referred to GND Pin)
Input Supply Voltage (Pins 1, 2, 13) ............– 0.3V to 7V
Shutdown Input Voltage (Pin 10) ................– 0.3V to 7V
Sense, Sense+ (Pins 7, 8)........... – 0.3V to (VIN + 0.3V)
LBO, LBI (Pins 3, 4) .................................... – 0.3V to 7V
CT, ITH, VFB (Pins 5, 6, 9) ............. – 0.3V to (VIN + 0.3V)
DC Switch Current (Pin 14) .................................... 1.2A
Peak Switch Current (Pin 14) ................................. 1.6A
Switch Voltage (Pin 14) .......(VIN – 7.5V) to (VIN + 0.3V)
Operating Temperature Range ..................... 0
°C to 70°C
Extended Commercial Operating
Temperature Range (Note 4) ............. – 40
°C to 85°C
Junction Temperature (Note 1) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
Consult factory for Industrial and Military grade parts.
ORDER PART
NUMBER
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PWR VIN
VIN
LBO
LBI
CT
ITH
SENSE
SW
PWR VIN
PGND
SGND
SHDN
VFB
SENSE+
LTC1626CS
TJMAX = 125°C, θJA = 110°C/ W
ELECTRICAL CHARACTERISTICS T
A = 25°C, VIN = 4.5V, VOUT = 2.5V, VSHDN = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IFB
Feedback Pin Current
0.1
1
µA
VFB
Feedback Voltage
0
°C to 70°C
q
1.22
1.25
1.28
V
–40
°C to 85°C
q
1.2
1.3
V
∆VOUT
Output Voltage Line Regulation
VIN = 3.5V to 5.5V, ILOAD = 250mA
– 40
0
40
mV
Output Voltage Load Regulation
10mA
≤ ILOAD ≤ 250mA
25
50
mV
Burst Mode Output Ripple
ILOAD = 0
50
mVP-P
IQ
Input DC Supply Current (Note 2)
Active Mode
q
1.9
3.0
mA
Sleep Mode
q
165
300
µA
Shutdown
VSHDN = VIN
0.5
5
µA
VLBTRIP
Low-Battery Trip Point
1.15
1.25
1.35
V
ILBI
Low-Battery Input Bias Current
±0.5
µA
ILBO
Low-Battery Output Sink Current
VLBO = 0.4V
0.4
1.4
mA
VSENSE
Current Sense Threshold Voltage
VSENSE
= 2.5V, VFB = VOUT/2 + 25mV (Forced)
25
mV
VSENSE
+ – VSENSE–
VSENSE
= 2.5V, VFB = VOUT/2 – 25mV (Forced)
130
155
180
mV
RON
ON Resistance of Switch
0.32
0.45
tOFF
Switch Off-Time (Note 3)
CT = 390pF, ILOAD = 400mA
4
5
6
µs
VIHSD
SHDN Pin High
Minimum Voltage for Device to Be Shut Down
VIN – 0.4
V
VILSD
SHDN Pin Low
Maximum Voltage for Device to Be Active
0.4
V
IINSD
SHDN Pin Input Current
0V
≤ VSHDN ≤ 7V
q
±1
µA
The q denotes specifications that apply over the specified operating
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation according to the following formula:
TJ = TA + (PD • 110°C/W)
Note 2: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 3: In applications where RSENSE is placed at ground potential, the
off-time increases by approximately 40%.
Note 4: C grade device specifications are guaranteed over the 0
°C to 70°C
temperature range. In addition, C grade device specifications are assured
over the – 40
°C to 85°C temperature range by design or correlation, but
are not production tested.


Similar Part No. - LTC1626

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1626 LINER-LTC1626 Datasheet
268Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
LTC1626 LINER-LTC1626_15 Datasheet
268Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
More results

Similar Description - LTC1626

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1626 LINER-LTC1626_15 Datasheet
268Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com