Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4314 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4314
Description  Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4314 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4314_15 Datasheet HTML 2Page - Linear Technology LTC4314_15 Datasheet HTML 3Page - Linear Technology LTC4314_15 Datasheet HTML 4Page - Linear Technology LTC4314_15 Datasheet HTML 5Page - Linear Technology LTC4314_15 Datasheet HTML 6Page - Linear Technology LTC4314_15 Datasheet HTML 7Page - Linear Technology LTC4314_15 Datasheet HTML 8Page - Linear Technology LTC4314_15 Datasheet HTML 9Page - Linear Technology LTC4314_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4314
6
4314f
PIN FUNCTIONS
ACC: Three-State Acceleration and Buffer Mode Selec-
tor. This pin controls the turn on voltage of the rise time
accelerators and their current strength on both the input
and output sides. It also controls the turn-off voltage of
the buffers. See Table 1 in the Applications Information
section.
DISCEN: Disconnect Stuck Bus Enable Input. When this
pin is high, stuck busses are automatically disconnected
and FAULT is pulled low after a timeout period of 45ms.
Up to sixteen clock pulses are subsequently applied to the
stuck output channels. When DISCEN is low, stuck busses
are neither disconnected nor clocked but FAULT is pulled
low. Connect to GND if unused.
ENABLE1-ENABLE4: Connection Enable Inputs. These
input pins enable or disable the corresponding output
channel. Driving an ENABLE pin low isolates SDAIN and
SCLIN from the corresponding SDAOUT and SCLOUT.
Only enable and disable a channel when all busses are
idle. During bus stuck low fault condition, a falling edge
on all ENABLE pins followed by a rising edge on one or
more ENABLE pins forces a connection from SDAIN to
the selected SDAOUT and SCLIN to the selected SCLOUT.
Connect to GND if unused.
Exposed Pad (QFN Package Only): Exposed pad may be
left open or connected to device GND.
FAULT: Stuck Bus Fault Output. This open drain N-channel
MOSFET output pulls low if a simultaneous high on the
enabled SCLOUT and SDAOUT channels does not occur in
45ms. In normal operation FAULT is high. Connect a pull
up resistor, typically 10k, from this pin to the bus pull-up
supply. Leave open or tie to GND if unused.
GND: Device Ground.
SCLIN: Upstream Serial Bus Clock Input/Output. Connect
this pin to the SCL line on the upstream bus. Connect an
external pull-up resistor or current source between this
pin and the bus supply. Do not leave open.
SCLOUT1-SCLOUT4: Downstream Serial Bus Clock Input/
Output Channels 1-4. Connect pins SCLOUT1-SCLOUT4
to the SCL lines on the downstream channels 1-4, respec-
tively. When in use, an external pull-up resistor or current
source is required between the pin and the corresponding
bus supply. Leave open or tie to GND and connect the
corresponding ENABLE pin to GND if unused.
SDAIN: Upstream Serial Bus Data Input/Output. Connect
this pin to the SDA line on the upstream bus. Connect an
external pull-up resistor or current source between this
pin and the bus supply. Do not leave open.
SDAOUT1-SDAOUT4: Downstream Serial Bus Data Input/
Output Channels 1-4. Connect pins SDAOUT1-SDAOUT4 to
the SDA lines on downstream channels 1-4, respectively.
When in use, an external pull-up resistor or current source
is required between the pin and the corresponding bus
supply. Leave open or tie to GND and connect the cor-
responding ENABLE pin to GND if unused.
VCC: Power Supply Voltage. Power this pin from a sup-
ply between 2.9V and 5.5V. Bypass with at least 0.01μF
to GND.
VCC2: Output Side Rise Time Accelerator (RTA) Power
Supply Voltage. When powering VCC2, use a supply volt-
age ranging from 2.25V to 5.5V and bypass with at least
0.01μF to GND. If the downstream busses are powered
from multiple supply voltages, power VCC2 from the low-
est supply voltage. Output side RTAs are active if VCC2
2.25V and ACC is low or open. Grounding VCC2 disables
output side RTAs.


Similar Part No. - LTC4314_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4314 LINER-LTC4314 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4314 LINER-LTC4314 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4314_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4312 LINER-LTC4312_15 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4312 LINER-LTC4312 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306_15 Datasheet
273Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
293Kb / 20P
   Addressable 2-Wire Bus Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com