Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4313-3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4313-3
Description  2-Wire Bus Buffers with High Noise Margin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4313-3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4313-3_15 Datasheet HTML 2Page - Linear Technology LTC4313-3_15 Datasheet HTML 3Page - Linear Technology LTC4313-3_15 Datasheet HTML 4Page - Linear Technology LTC4313-3_15 Datasheet HTML 5Page - Linear Technology LTC4313-3_15 Datasheet HTML 6Page - Linear Technology LTC4313-3_15 Datasheet HTML 7Page - Linear Technology LTC4313-3_15 Datasheet HTML 8Page - Linear Technology LTC4313-3_15 Datasheet HTML 9Page - Linear Technology LTC4313-3_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4313-1/LTC4313-2/
LTC4313-3
6
4313123f
block DiagraM
4313123 BD
CONNECT
LOGIC
+
+
+
+
PRECHARGE
200k
PRECHARGE
CONNECT
PRECHARGE
CONNECT
200k
200k
*
*
VCC
IRTA
SLEW RATE
DETECTOR
0.2V/µs
SLEW RATE
DETECTOR
0.2V/µs
200k
SLEW RATE
DETECTOR
0.2V/µs
VCC
I2C Hot Swap
LOGIC
I2C Hot Swap
LOGIC
RTA_SDAOUT_EN
VIL = 0.33 • VCC
RTA_SCLIN_EN
RTA_SDAIN_EN
RTA_SCLOUT_EN
VIL = 0.33 • VCC
ENABLE
*INSIDE DASHED BOX APPLIES ONLY TO THE LTC4313-1 AND LTC4313-2.
READY
GND
VCC
+
+
2.7V/2.5V
1.4V/1.3V
UVLO
95µs
TIMER
SLEW RATE
DETECTOR
0.2V/µs
IRTA
VCC
IRTA
VCC
IRTA
VIL = 0.33 • VCC
VIL = 0.33 • VCC
PRECHARGE
CONNECT
CONNECT
45ms
TIMER
SDAIN
SCLIN
SDAOUT
SCLOUT
*
*


Similar Part No. - LTC4313-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4313-3 LINER-LTC4313-3 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4313-3 LINER-LTC4313-3 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4313-3 LINER-LTC4313-3 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4313-3 LINER-LTC4313-3 Datasheet
224Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4313-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4313-2 LINER-LTC4313-2_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4315 LINER-LTC4315_15 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
logo
IK Semicon Co., Ltd
IW4002B IKSEMICON-IW4002B Datasheet
155Kb / 5P
   Noise margin
logo
Linear Technology
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
293Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com