Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1624 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1624
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624 Datasheet(HTML) 3 Page - Linear Technology

  LTC1624 Datasheet HTML 1Page - Linear Technology LTC1624 Datasheet HTML 2Page - Linear Technology LTC1624 Datasheet HTML 3Page - Linear Technology LTC1624 Datasheet HTML 4Page - Linear Technology LTC1624 Datasheet HTML 5Page - Linear Technology LTC1624 Datasheet HTML 6Page - Linear Technology LTC1624 Datasheet HTML 7Page - Linear Technology LTC1624 Datasheet HTML 8Page - Linear Technology LTC1624 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1624
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
VOUT = 3.3V
LOAD CURRENT (A)
100
95
90
85
80
75
70
0.001
0.1
1
10
1624 G08
0.01
VOUT = 5V
VIN = 10V
RSENSE = 0.033Ω
LOAD CURRENT (A)
100
95
90
85
80
75
70
0.001
0.1
1
10
1624 G07
0.01
VOUT = 3.3V
RSENSE = 0.033Ω
VIN = 5V
VIN = 10V
Efficiency vs Input Voltage
VOUT = 3.3V
INPUT VOLTAGE (V)
0
100
95
90
85
80
75
70
15
25
1624 G09
510
20
30
ILOAD = 1A
VOUT = 3.3V
RSENSE = 0.033Ω
ILOAD = 0.1A
Efficiency vs Load Current
VOUT = 5V
Efficiency vs Input Voltage
VOUT = 5V
Input Supply Current vs
Input Voltage
Boost Line Regulation
INPUT VOLTAGE (V)
0
6
5
4
3
2
1
0
15
25
1624 G04
510
20
30
35
IBOOST = 1mA
VSW = 0V
BOOST LOAD CURRENT (mA)
0
6
5
4
3
2
1
0
15
25
1624 G06
510
20
30
VSW = 0V
VIN = 15V
VIN = 5V
Boost Load Regulation
TEMPERATURE (
°C)
–40
6.0
5.5
5.0
4.5
4.0
35
85
1624 G15
–15
10
60
110
135
ILOAD = 1mA
LOAD CURRENT (A)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1624 G11
0
0.5
1.0
1.5
2.0
2.5
3.0
RSENSE = 0.033Ω
VOUT DROP OF 5%
INPUT VOLTAGE (V)
0
700
600
500
400
300
200
100
0
15
25
1624 G05
510
20
30
35
SLEEP MODE
VFB = 1.21V
SHUTDOWN
INPUT VOLTAGE (V)
0
100
95
90
85
80
75
70
15
25
1624 G10
510
20
30
ILOAD = 1A
VOUT = 5V
RSENSE = 0.033Ω
ILOAD = 0.1A
VIN – VOUT Dropout Voltage
vs Load Current
Boost Voltage vs Temperature


Similar Part No. - LTC1624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1624 LINER-LTC1624 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LTC1624 LINER-LTC1624 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1624 LINER-LTC1624 Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1624 LINER-LTC1624_15 Datasheet
408Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
More results

Similar Description - LTC1624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1624 LINER-LTC1624_15 Datasheet
408Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
logo
National Semiconductor ...
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com