Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1606C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1606C
Description  16-Bit, 250ksps, Single Supply ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1606C Datasheet HTML 2Page - Linear Technology LTC1606C Datasheet HTML 3Page - Linear Technology LTC1606C Datasheet HTML 4Page - Linear Technology LTC1606C Datasheet HTML 5Page - Linear Technology LTC1606C Datasheet HTML 6Page - Linear Technology LTC1606C Datasheet HTML 7Page - Linear Technology LTC1606C Datasheet HTML 8Page - Linear Technology LTC1606C Datasheet HTML 9Page - Linear Technology LTC1606C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1606
PIN FUNCTIONS
CS (Pin 25): Chip Select. Internally OR’d with R/C. With
R/C low, a falling edge on CS will initiate a conversion.
With R/C high, a falling edge on CS will enable the output
data.
BUSY (Pin 26): Output Shows Converter Status. It is low
when a conversion is in progress. Data valid on the rising
edge of BUSY. CS or R/C must be high when BUSY rises
TEST CIRCUITS
Load Circuit for Access Timing
1k
30pF
30pF
DBN
DBN
1k
5V
1606 TC01
A. Hi-Z TO VOH AND VOL TO VOH
B. Hi-Z TO VOL AND VOH TO VOL
Load Circuit for Output Float Delay
1k
30pF
30pF
DBN
DBN
1k
5V
1606 TC02
A. VOH TO Hi-Z
B. VOL TO Hi-Z
FUNCTIONAL BLOCK DIAGRA
16-BIT CAPACITIVE DAC
COMP
REF BUF
1.64x
2.5V REF
CAP
(4.096V)
CSAMPLE
CSAMPLE
D15
D0
BUSY
CONTROL LOGIC
R/C
BYTE
INTERNAL
CLOCK
CS
ZEROING SWITCHES
VDIG
VANA
VIN
REF
AGND1
AGND2
DGND
16
1606 BD
+
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES
4k
7.35k
2.5k
9k
or another conversion will start without time for signal
acquisition.
VANA (Pin 27): 5V Analog Supply. Bypass to ground with
a 0.1
µF ceramic and a 10µF tantalum capacitor.
VDIG (Pin 28): 5V Digital Supply. Connect directly to Pin
27.


Similar Part No. - LTC1606C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606CG LINER-LTC1606CG Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606CSW LINER-LTC1606CSW Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
More results

Similar Description - LTC1606C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com