Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT5451 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT5451
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT5451 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT5451_15 Datasheet HTML 1Page - Diodes Incorporated MMDT5451_15 Datasheet HTML 2Page - Diodes Incorporated MMDT5451_15 Datasheet HTML 3Page - Diodes Incorporated MMDT5451_15 Datasheet HTML 4Page - Diodes Incorporated MMDT5451_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMDT5451
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Complementary Pair
One 5551-Type NPN
One 5401-Type PNP
DS30171 Rev. 9 - 2
1 of 5
www.diodes.com
MMDT5451
© Diodes Incorporated
Epitaxial Planar Die Construction
Ideal for Medium Power Amplification and Switching
Ultra-Small Surface Mount Package
Lead Free/RoHS Compliant (Note 3)
"Green" Device (Note 4 and 5)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Terminal Connections: See Diagram
Marking Information: KNM, See Page 5
Ordering & Date Code Information: See Page 5
Weight: 0.006 grams (approximate)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
All Dimens
mm
ions in
A
M
J
L
D
B C
H
K
G
F
C
1
B
2
E2
E1
B
1
C2
E1, B1, C1 = PNP5401 Section
E2, B2, C2 = NPN5551 Section
Maximum Ratings, NPN 5551 Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
NPN5551
Unit
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current - Continuous
(Note 1)
IC
200
mA
Power Dissipation
(Note 1, 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient
(Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Maximum Ratings, PNP 5401 Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
PNP5401
Unit
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current – Continuous
(Note 1)
IC
-200
mA
Power Dissipation
(Note 1, 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient
(Note 1)
RθJA
625
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Maximum combined dissipation.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.


Similar Part No. - MMDT5451_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMDT5451 SECOS-MMDT5451_15 Datasheet
438Kb / 4P
   Plastic-Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT5451 WINNERJOIN-MMDT5451_15 Datasheet
83Kb / 2P
   Multi-Chip General Purpose TRANSISTOR
More results

Similar Description - MMDT5451_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
MMDT4146 DIODES-MMDT4146_09 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2 January 2009
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Unisonic Technologies
MMDT3946 UTC-MMDT3946 Datasheet
136Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DMB2227A DIODES-DMB2227A_15 Datasheet
239Kb / 6P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com