Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1597C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1597C
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1597C Datasheet(HTML) 4 Page - Linear Technology

  LTC1597C Datasheet HTML 1Page - Linear Technology LTC1597C Datasheet HTML 2Page - Linear Technology LTC1597C Datasheet HTML 3Page - Linear Technology LTC1597C Datasheet HTML 4Page - Linear Technology LTC1597C Datasheet HTML 5Page - Linear Technology LTC1597C Datasheet HTML 6Page - Linear Technology LTC1597C Datasheet HTML 7Page - Linear Technology LTC1597C Datasheet HTML 8Page - Linear Technology LTC1597C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1591/LTC1597
ELECTRICAL CHARACTERISTICS
VCC = 5V ±10%, VREF = 10V, IOUT1 = AGND = DGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Outputs (Note 4)
COUT
Output Capacitance (Note 4)
DAC Register Loaded to All 1s: COUT1
q
115
130
pF
DAC Register Loaded to All 0s: COUT1
q
70
80
pF
Digital Inputs
VIH
Digital Input High Voltage
q
2.4
V
VIL
Digital Input Low Voltage
q
0.8
V
IIN
Digital Input Current
q
0.001
±1
µA
CIN
Digital Input Capacitance
(Note 4) VIN = 0V
q
8pF
Timing Characteristics
tDS
Data to WR Setup Time
q
60
20
ns
tDH
Data to WR Hold Time
q
0
–12
ns
tWR
WR Pulse Width
q
60
25
ns
tLD
LD Pulse Width
q
110
55
ns
tCLR
Clear Pulse Width
q
60
40
ns
tLWD
WR to LD Delay Time
q
0ns
Power Supply
VDD
Supply Voltage
q
4.5
5
5.5
V
IDD
Supply Current
Digital Inputs = 0V or VCC
q
10
µA
The q denotes specifications that apply over the full operating temperature
range.
Note 1: Absolute Maximum Values are those beyond which the life of a
device may be impaired.
Note 2:
±1LSB = ±0.006% of full scale = ±61ppm of full scale for the
LTC1591/LTC1591-1.
±1LSB = ±0.0015% of full scale = ±15.3ppm of full
scale for the LTC1597/LTC1597-1.
Note 3: Using internal feedback resistor.
Note 4: Guaranteed by design, not subject to test.
Note 5: I(OUT1) with DAC register loaded to all 0s.
Note 6: Typical temperature coefficient is 100ppm/
°C.
Note 7: IOUT1 load = 100Ω in parallel with 13pF.
Note 8: To 0.006% for a full-scale change, measured from the rising edge
of LD for the LTC1591/LTC1591-1. To 0.0015% for a full-scale change,
measured from the rising edge of LD for the LTC1597/LTC1597-1.
Note 9: VREF = 0V. DAC register contents changed from all 0s to all 1s or
all 1s to all 0s.
Note 10: VREF = 6VRMS at 1kHz. DAC register loaded with all 1s.
Note 11: Calculation from en = √4kTRB where: k = Boltzmann constant
(J/
°K), R = resistance (Ω), T = temperature (°K), B = bandwidth (Hz).
Note 12: Midscale transition code: 01 1111 1111 1111 to 10 0000 0000
0000 for the LTC1591/LTC1591-1 and 0111 1111 1111 1111 to 1000
0000 0000 0000 for the LTC1597/LTC1597-1.
Note 13: R1 and R2 are measured between R1 and RCOM, REF and RCOM.
Note 14: Measured using the LT1468 op amp in unipolar mode for I/V
converter and LT1468 I/V and LT1001 reference inverter in bipolar mode.
Sample Rate = 50kHz, Signal Frequency = 1kHz, VREF = 5V, TA = 25°C.


Similar Part No. - LTC1597C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1597 LINER-LTC1597 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1597 LINER-LTC1597 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1597 LINER-LTC1597 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1597 LINER-LTC1597 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1597 LINER-LTC1597_15 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
More results

Similar Description - LTC1597C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1597 LINER-LTC1597_15 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1591 LINER-LTC1591_15 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
logo
Analog Devices
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com