Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3605A Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3605A
Description  20V, 5A Synchronous Step-Down Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3605A Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3605A_15 Datasheet HTML 2Page - Linear Technology LTC3605A_15 Datasheet HTML 3Page - Linear Technology LTC3605A_15 Datasheet HTML 4Page - Linear Technology LTC3605A_15 Datasheet HTML 5Page - Linear Technology LTC3605A_15 Datasheet HTML 6Page - Linear Technology LTC3605A_15 Datasheet HTML 7Page - Linear Technology LTC3605A_15 Datasheet HTML 8Page - Linear Technology LTC3605A_15 Datasheet HTML 9Page - Linear Technology LTC3605A_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC3605A
6
3605afc
For more information www.linear.com/LTC3605A
pin FuncTions
RT (Pin 1): Oscillator Frequency Programming Pin. Con-
nect an external resistor (between 200k to 40k) from RT
to SGND to program the frequency from 800kHz to 4MHz.
Since the synchronization range is ±30% of set frequency,
be sure that the set frequency is within this percentage
range of the external clock to ensure frequency lock.
PHMODE (Pin 2): Control Input to Phase Selector. Deter-
mines the phase relationship between internal oscillator
and CLKOUT. Tie it to INTVCC for 2-phase operation, tie it
to SGND for 3-phase operation, and tie it to INTVCC/2 for
4-phase operation.
MODE (Pin 3): Operation Mode Select. Tie this pin to
INTVCC to force continuous synchronous operation at
all output loads. Tying it to SGND enables discontinuous
mode operation at light loads. Tying this pin to INTVCC/2
shuts off the internal clock during discontinuous intervals.
FB (Pin 4): Output Feedback Voltage. Input to the error
amplifierthatcomparesthefeedbackvoltagetotheinternal
0.6V reference voltage. This pin is normally connected to
a resistive divider from the output voltage.
TRACK/SS (Pin 5): Output Tracking and Soft-Start Pin.
Allows the user to control the rise time of the output volt-
age. Putting a voltage below 0.6V on this pin bypasses
the internal reference input to the error amplifier, instead
it servos the FB pin to the TRACK voltage. Above 0.6V,
the tracking function stops and the internal reference
resumes control of the error amplifier. There’s an internal
2.5µA pull-up current from INTVCC on this pin, so putting
a capacitor here provides soft-start function.
ITH (Pin 6): Error Amplifier Output and Switching Regu-
lator Compensation Point. The current comparator’s trip
threshold is linearly proportional to this voltage, whose
normal range is from 0.3V to 1.8V. Tying this pin to IN-
TVCC activates internal compensation and output voltage
positioning, raising VOUT to 1.5% higher than the nominal
value at IOUT = 0 and 1.5% lower at IOUT = 5A.
RUN (Pin 7): Run Control Input. Enables chip operation
by tying RUN above 1.2V. Tying it below 1.1V shuts down
the part.
PGOOD (Pin 8): Output Power Good with Open-Drain
Logic. PGOOD is pulled to ground when the voltage on the
FB pin is not within ±10% of the internal 0.6V reference.
VON (Pin 9): On-Time Voltage Input. Voltage trip point for
the on-time comparator. Tying this pin to the output volt-
age makes the on-time proportional to VOUT and keeps the
switching frequency constant at different VOUT. However,
when VON is <0.6V or >6V, then switching frequency will
no longer remain constant.
PGND (Pin 10, Exposed Pad Pin 25): Power Ground.
Return path of internal power MOSFETs. Connect this
pin to the negative terminals of the input capacitor and
output capacitor. The exposed pad must be soldered to
the PCB ground for electrical contact and rated thermal
performance.
SW (Pins 11 to 16): Switch Node Connection to External
Inductor. Voltage swing of SW is from a diode voltage
drop below ground to PVIN.
PVIN (Pins 17, 18): Power VIN. Input voltage to the on-
chip power MOSFETs.
SVIN (Pin 19): Signal VIN. Filtered input voltage to the
on-chip 3.3V regulator. Connect a (1Ω to 10Ω) resistor
between SVIN and PVIN and bypass to GND with a 0.1µF
capacitor.
BOOST (Pin 20): Boosted Floating Driver Supply for Inter-
nal Top Power MOSFET. The (+) terminal of the bootstrap
capacitor connects here. This pin swings from a diode
voltage drop below INTVCC up to PVIN + INTVCC.
INTVCC (Pin 21): Internal 3.3V Regulator Output. The
internal power drivers and control circuits are powered
from this voltage. Decouple this pin to power ground with
a minimum of 1µF low ESR ceramic capacitor.
SGND (Pin 22): Signal Ground Connection.
CLKOUT (Pin 23): Output Clock Signal for PolyPhase
Operation. The phase of CLKOUT with respect to CLKIN
is determined by the state of the PHMODE pin. CLKOUT’s
peak-to-peak amplitude is INTVCC to GND.
CLKIN (Pin 24): External Synchronization Input to Phase
Detector.ThispinisinternallyterminatedtoSGNDwith20k.
The phase-locked loop will force the top power NMOS’s
turn on signal to be synchronized with the rising edge of
the CLKIN signal.


Similar Part No. - LTC3605A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3605A LINER-LTC3605A Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3605A LINER-LTC3605A Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A Datasheet
1Mb / 24P
   A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3605A AD-LTC3605A Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3605A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
   15V, 5A Synchronous Step-Down Regulator
LTC7150S LINER-LTC7150S Datasheet
1Mb / 22P
   20V, 20A Synchronous Step-Down Regulator
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
logo
Analog Devices
LT7200S AD-LT7200S Datasheet
1Mb / 35P
   Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
logo
Shenzhen Huazhimei Semi...
HM1488D HMSEMI-HM1488D Datasheet
1Mb / 12P
   Synchronous rectifier step-down voltage regulator up to 5A
logo
Linear Technology
LTC3633A-1 LINER-LTC3633A-1_15 Datasheet
412Kb / 30P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-3 LINER-LTC3633A-3_15 Datasheet
419Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A_15 Datasheet
412Kb / 30P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2_15 Datasheet
419Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633AEFE-3 LINER-LTC3633AEFE-3 Datasheet
542Kb / 8P
   DUAL CHANNEL 3A 20V MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com