Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1594 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1594
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594 Datasheet(HTML) 2 Page - Linear Technology

  LTC1594 Datasheet HTML 1Page - Linear Technology LTC1594 Datasheet HTML 2Page - Linear Technology LTC1594 Datasheet HTML 3Page - Linear Technology LTC1594 Datasheet HTML 4Page - Linear Technology LTC1594 Datasheet HTML 5Page - Linear Technology LTC1594 Datasheet HTML 6Page - Linear Technology LTC1594 Datasheet HTML 7Page - Linear Technology LTC1594 Datasheet HTML 8Page - Linear Technology LTC1594 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1594/LTC1598
15948fb
(Notes 1, 2)
Supply Voltage (VCC) to GND................................... 12V
Voltage
Analog Reference .................... – 0.3V to (VCC + 0.3V)
Analog Inputs .......................... – 0.3V to (VCC + 0.3V)
Digital Inputs .........................................– 0.3V to 12V
Digital Output .......................... – 0.3V to (VCC + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1594CS/LTC1598CG ......................... 0
°C to 70°C
LTC1594IS/LTC1598IG ..................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1594CS
LTC1594IS
ORDER PART
NUMBER
LTC1598CG
LTC1598IG
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 110°C/ W
TJMAX = 125°C, θJA = 120°C/ W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage (Note 3)
4.5
5.5
V
fCLK
Clock Frequency
VCC = 5V
(Note 4)
320
kHz
tCYC
Total Cycle Time
fCLK = 320kHz
60
μs
thDI
Hold Time, DIN After CLK↑
VCC = 5V
150
ns
tsuCS
Setup Time CS
↓ Before First CLK↑ (See Operating Sequence)
VCC = 5V
1
μs
tsuDI
Setup Time, DIN Stable Before CLK↑
VCC = 5V
400
ns
tWHCLK
CLK High Time
VCC = 5V
1
μs
tWLCLK
CLK Low Time
VCC = 5V
1
μs
tWHCS
CS High Time Between Data Transfer Cycles
fCLK = 320kHz
16
μs
tWLCS
CS Low Time During Data Transfer
fCLK = 320kHz
44
μs
(Note 5)
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
RECO
E DED OPERATI G CO DITIO S
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CH0
CH1
CH2
CH3
ADCIN
VREF
COM
GND
VCC
MUXOUT
DIN
CSMUX
CLK
VCC
DOUT
CSADC
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
CH5
CH6
CH7
GND
CLK
CSMUX
DIN
COM
GND
CSADC
DOUT
NC
CH4
CH3
CH2
CH1
CH0
VCC
MUXOUT
ADCIN
VREF
VCC
CLK
NC


Similar Part No. - LTC1594

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594 LINER-LTC1594 Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594CS LINER-LTC1594CS Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594IS LINER-LTC1594IS Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594LCS LINER-LTC1594LCS Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1594

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594 LINER-LTC1594_1 Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598L LINER-LTC1598L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com