Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS34119CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS34119CSRL
Description  Low Power Audio Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34119CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS34119CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34119CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS34119
Low Power Audio Amplifier
1/12
Version: B13
SOP-8
General Description
The TS34119 is a low power audio amplifier, it integrated circuit intended (primarily) for telephone applications,
such as in speakerphones. It provides differential speaker outputs to maximize output swing at low supply
voltages (2.0V minimum). Coupling capacitors to the speaker are not required. Open loop gain is 80dB, and the
closed loop gain is set with two external resistors. A chip Disable pin permits powering down and/or muting the
input signal.
Features
Wide operating supply voltage (2~16V)
Chip disable input to power down the IC
Low quiescent current for battery powered
application
Lower power down quiescent current
Drives a wide range of speaker load (8~100
Ω)
Output power exceed 250mW with 32
Ωspeaker
Low total harmonic distortion
Gain adjustable for voice band
Requires few external components
Ordering Information
Part No.
Package
Packing
TS34119CS RL
SOP-8
2.5Kpcs / 13” Reel
Block Diagram
Pin assignment:
1. CD
8. VO2
2. FC2
7. Gnd
3. FC1
6. Vcc
4. Vin
5. VO1


Similar Part No. - TS34119CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119CS TSC-TS34119CS Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119CS TSC-TS34119CS Datasheet
744Kb / 13P
   Low Power Audio Amplifier
More results

Similar Description - TS34119CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com