Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH0066B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0066B
Description  SCHOTTKY CENTERTAP RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0066B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0066B_15 Datasheet HTML 1Page - Solid States Devices, Inc SH0066B_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0066B
DOC
ELECTRICAL CHARACTERISTICS per leg Symbol
-55
25
100
125
150
Unit
Instantaneous Forward Voltage Drop
typical
(IF =5 Amps, 300 sec Pulse)
maximum
VF
765
-
690
790
575
-
540
650
490
-
mVolts
Instantaneous Forward Voltage Drop
typical
(IF =15 Amps, 300 sec Pulse)
maximum
VF
980
-
815
900
720
-
680
750
650
-
mVolts
Instantaneous Forward Voltage Drop
typical
(IF =25 Amps, 300 sec Pulse)
maximum
VF
1300
-
900
960
825
-
790
850
760
-
mVolts
Instantaneous Forward Voltage Drop
typical
(IF =40 Amps, 300 sec Pulse)
maximum
VF
1500
-
1000
1050
960
-
940
1000
920
-
mVolts
Reverse Leakage Current
typical
(Rated VR, 300 sec pulse minimum)
maximum
IR
0.0001
-
0.001
0.01
0.5
-
2
10
10
-
mA
Junction Capacitance
typical
(VR =10 VDC, TA = 25
oC, f = 1 MHz)
maximum
CJ
-
400
500
-
-
-
pF
TO-254
TO-254Z
Optional Lead Bent Configuration
Pin Assignment
Down Bent (DB Suffix)
Up Bent (UB Suffix)
For information on curves, contact the Factory
Representative for Engineering Assistance.
Code
Function
Pin 1
Pin 2
Pin 3
CT
Common Cathode Anode Cathode Anode
CA
Common Anode Cathode Anode Cathode
D
Doubler
Cathode
AC
Anode
DR
Doubler, Reverse
Anode
AC
Cathode
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR80150CTM&Z
thru
SSR80200CTM&Z


Similar Part No. - SH0066B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0066B SSDI-SH0066B Datasheet
149Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
More results

Similar Description - SH0066B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0072A SSDI-SH0072A Datasheet
107Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0076A SSDI-SH0076A Datasheet
111Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SSR1505CTM SSDI-SSR1505CTM Datasheet
101Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
RS0065 SSDI-RS0065 Datasheet
105Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
SH0055A SSDI-SH0055A_15 Datasheet
101Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0066B SSDI-SH0066B Datasheet
149Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
SSR1505CTG SSDI-SSR1505CTG Datasheet
93Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
RS0027D SSDI-RS0027D Datasheet
128Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
RS0029 SSDI-RS0029 Datasheet
179Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0052B SSDI-SH0052B_15 Datasheet
130Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com