Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1556C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1556C
Description  SIM Power Supply and Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1556C Datasheet(HTML) 1 Page - Linear Technology

  LTC1556C Datasheet HTML 1Page - Linear Technology LTC1556C Datasheet HTML 2Page - Linear Technology LTC1556C Datasheet HTML 3Page - Linear Technology LTC1556C Datasheet HTML 4Page - Linear Technology LTC1556C Datasheet HTML 5Page - Linear Technology LTC1556C Datasheet HTML 6Page - Linear Technology LTC1556C Datasheet HTML 7Page - Linear Technology LTC1556C Datasheet HTML 8Page - Linear Technology LTC1556C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1555/LTC1556
SIM Power Supply
and Level Translator
FEATURES
s
Step-Up/Step-Down Charge Pump Generates 5V
s
Input Voltage Range: 2.7V to 10V
s
Output Current: 10mA (VIN ≥ 2.7V)
20mA (VIN ≥ 3V)
s
3V to 5V Signal Level Translators
s
> 10kV ESD on All SIM Contact Pins
s
Short-Circuit and Overtemperature Protected
s
Very Low Operating Current: 60
µA
s
Very Low Shutdown Current: < 1
µA
s
Soft Start Limits Inrush Current at Turn-On
s
Programmable 3V or 5V Output Voltage
s
650kHz Switching Frequency
s
Auxiliary 4.3V LDO/Power Switch (LTC1556 Only)
s
Available in a 16- and 20-Pin Narrow SSOP
DESCRIPTION
The LTC
®1555/LTC1556 provide power conversion and
level shifting needed for 3V GSM cellular telephones to
interface with either 3V or 5V Subscriber Identity Mod-
ules (SIMs). These parts contain a charge pump DC/DC
converter that delivers a regulated 5V to the SIM card.
Input voltage may range from 2.7V to 10V, allowing
direct connection to the battery. Output voltage may be
programmed to 3V, 5V or direct connection to the VIN pin.
A soft start feature limits inrush current at turn-on,
mitigating start-up problems that may result when the
input is supplied by another low power DC/DC converter.
The LTC1556 also includes an auxiliary LDO regulator/
power switch that may be used to power the frequency
synthesizer or other low power circuitry.
Battery life is maximized by 60
µA operating current and
1
µA shutdown current. Board area is minimized by minia-
ture 16- and 20-pin narrow SSOP packages and the need
for only three small external capacitors.
TYPICAL APPLICATION
GSM Cellular Telephone SIM Interface
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CIN
RIN
DATA
DDRV
DVCC
SS
M1
M0
CLK
RST
I/O
VCC
5V
±5%
IVCC ≤ 10mA
GND
CLK
RST
I/O
VCC
VIN
C1+
C1
GND
0.1
µF
10
µF
LTC1555
3V GSM
CONTROLLER
SIM
VIN
2.7V TO 10V
3V
10
µF
1555/56 TA01
VCC
+
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
SIM Interface in GSM Cellular Telephones
s
Smart Card Readers
APPLICATIONS


Similar Part No. - LTC1556C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1556 LINER-LTC1556 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
More results

Similar Description - LTC1556C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L Datasheet
136Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8_15 Datasheet
143Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com