Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1550LCS8-2.5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1550LCS8-2.5
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550LCS8-2.5 Datasheet(HTML) 5 Page - Linear Technology

  LTC1550LCS8-2.5 Datasheet HTML 1Page - Linear Technology LTC1550LCS8-2.5 Datasheet HTML 2Page - Linear Technology LTC1550LCS8-2.5 Datasheet HTML 3Page - Linear Technology LTC1550LCS8-2.5 Datasheet HTML 4Page - Linear Technology LTC1550LCS8-2.5 Datasheet HTML 5Page - Linear Technology LTC1550LCS8-2.5 Datasheet HTML 6Page - Linear Technology LTC1550LCS8-2.5 Datasheet HTML 7Page - Linear Technology LTC1550LCS8-2.5 Datasheet HTML 8Page - Linear Technology LTC1550LCS8-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1550L/LTC1551L
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
1550L/51L G10
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
1550 /51L G11
Spot Noise (*See Figure 1)
Output Spectrum (See Figure 3)
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
1550L/51L G12
VCC = 5V
IL = 5mA
CIN = 2.2µF
COUT = 4.7µF
CL = 0.1µF
Output Spectrum (*See Figure 1)
* On first page of data sheet.
Spot Noise (See Figure 3)
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
1550L/51L G13
VCC = 5V
IL = 5mA
CIN = 2.2µF
COUT = 4.7µF
CL = 0.1µF
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
1550L/51L G14
VCC = 5V
IL = 5mA
CIN 2.2µF
COUT = 10µF
CL = 0.1µF
Spot Noise (See Figure 3)
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
1550L/51L G15
VCC = 5V
IL = 5mA
CIN = 2.2µF
COUT = 10µF
CL = 0.1µF
Output Spectrum (See Figure 3)


Similar Part No. - LTC1550LCS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1550L LINER-LTC1550L Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results

Similar Description - LTC1550LCS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com