Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1546CG Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1546CG
Description  Software-Selectable Multiprotocol Transceiver with Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1546CG Datasheet(HTML) 4 Page - Linear Technology

  LTC1546CG Datasheet HTML 1Page - Linear Technology LTC1546CG Datasheet HTML 2Page - Linear Technology LTC1546CG Datasheet HTML 3Page - Linear Technology LTC1546CG Datasheet HTML 4Page - Linear Technology LTC1546CG Datasheet HTML 5Page - Linear Technology LTC1546CG Datasheet HTML 6Page - Linear Technology LTC1546CG Datasheet HTML 7Page - Linear Technology LTC1546CG Datasheet HTML 8Page - Linear Technology LTC1546CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1546
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOH
Transmitter Output High Current
VA, VB = 0V
q
– 13
– 11
– 9.0
mA
IOL
Transmitter Output Low Current
VA, VB = 0V
q
9.0
11
13
mA
IOZ
Transmitter Output Leakage Current
VAand VB≤ 0.25V
q
±1
±100
µA
ROD
Transmitter Differential Mode Impedance
q
50
100
150
ROC
Transmitter Common Mode Impedance
– 2V
≤ VCM ≤ 2V (Figure 7)
135
150
165
tr, tf
Rise or Fall Time
(Figures 8, 13)
5
ns
tPLH
Input to Output
(Figures 8, 13)
q
15
35
65
ns
tPHL
Input to Output
(Figures 8, 13)
q
15
35
65
ns
∆t
Input to Output Difference,
tPLH – tPHL
(Figures 8, 13)
q
016
ns
tSKEW
Output to Output Skew
(Figures 8, 13)
4
ns
V.35 Receiver
VTH
Differential Receiver Input Threshold Voltage
– 2V
≤ VCM ≤ 2V (Figure 9)
q
– 0.2
0.2
V
∆VTH
Receiver Input Hysteresis
– 2V
≤ VCM ≤ 2V (Figure 9)
q
15
40
mV
RID
Receiver Differential Mode Impedance
– 2V
≤ VCM ≤ 2V
q
90
103
110
RIC
Receiver Common Mode Impedance
– 2V
≤ VCM ≤ 2V (Figure 10)
135
150
165
tr, tf
Rise or Fall Time
CL = 50pF (Figures 4, 14)
15
ns
tPLH
Input to Output
CL = 50pF (Figures 4, 14)
q
50
90
ns
tPHL
Input to Output
CL = 50pF (Figures 4, 14)
q
50
90
ns
∆t
Input to Output Difference,
tPLH – tPHL
CL = 50pF (Figures 4, 14)
q
04
25
ns
V.28 Driver
VO
Output Voltage
Open Circuit
q
±10
V
RL = 3k (Figure 11)
q
±5
±8.5
V
ISS
Short-Circuit Current
VOUT = GND
q
±150
mA
ROZ
Power-Off Resistance
– 2V < VO < 2V, Power Off
q
300
or No-Cable Mode
SR
Slew Rate
RL = 7k, CL = 0 (Figures 11, 15)
q
430
V/
µs
tPLH
Input to Output
RL = 3k, CL = 2500pF (Figures 11, 15)
q
1.5
2.5
µs
tPHL
Input to Output
RL = 3k, CL = 2500pF (Figures 11, 15)
q
1.5
2.5
µs
V.28 Receiver
VTHL
Input Low Threshold Voltage
(Figure 12)
q
1.2
0.8
V
VTLH
Input High Threshold Voltage
(Figure 12)
q
2
1.2
V
∆VTH
Receiver Input Hysteresis
(Figure 12)
q
0
0.05
0.3
V
RIN
Receiver Input Impedance
– 15V
≤ VA ≤ 15V
q
357
k
tr, tf
Rise or Fall Time
CL = 50pF (Figures 12, 16)
15
ns
tPLH
Input to Output
CL = 50pF (Figures 12, 16)
q
60
300
ns
tPHL
Input to Output
CL = 50pF (Figures 12, 16)
q
160
300
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
are negative. All voltages are referenced to device ground unless otherwise
specified.
Note 3: All typicals are given for VCC = 5V, C1 = C2 = CVCC = CVDD = 1µF,
CVEE = 3.3µF and TA = 25°C.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1546CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination
More results

Similar Description - LTC1546CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343_15 Datasheet
398Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com