Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75P3036GC-3B9 Datasheet(PDF) 1 Page - NEC

Part # UPD75P3036GC-3B9
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P3036GC-3B9 Datasheet(HTML) 1 Page - NEC

  UPD75P3036GC-3B9 Datasheet HTML 1Page - NEC UPD75P3036GC-3B9 Datasheet HTML 2Page - NEC UPD75P3036GC-3B9 Datasheet HTML 3Page - NEC UPD75P3036GC-3B9 Datasheet HTML 4Page - NEC UPD75P3036GC-3B9 Datasheet HTML 5Page - NEC UPD75P3036GC-3B9 Datasheet HTML 6Page - NEC UPD75P3036GC-3B9 Datasheet HTML 7Page - NEC UPD75P3036GC-3B9 Datasheet HTML 8Page - NEC UPD75P3036GC-3B9 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
©
1996
DATA SHEET
µPD75P3036
MOS INTEGRATED CIRCUIT
4-BIT SINGLE-CHIP MICROCONTROLLER
The
µPD75P3036 replaces the µPD753036’s internal mask ROM with a one-time PROM or EPROM.
Because the
µPD75P3036 supports programming by users, it is suitable for use in prototype testing for system
development using the
µPD753036 and for use in small-scale production.
Caution The
µPD75P3036KK-T is not designed to guarantee the reliability required for use in mass-
production. Please use it only for performance evaluation during testing and test production runs.
Detailed descriptions of functions are provided in the following document. Be sure to read the document
before designing.
µPD753036 User’s Manual : U10201E
FEATURES
Compatible with
µPD753036
Internal PROM: 16384
× 8 bits
µPD75P3036KK-T
: Reprogrammable (ideally suited for system evaluation)
µPD75P3036GC, 75P3036GK : One-time programmable (ideally suited for small-scale production)
Internal RAM: 768
× 4 bits
Can operate in the same power supply voltage as the mask version
µPD753036
•VDD = 1.8 to 5.5 V
LCD controller/driver
A/D converter
Caution
Mask-option pull-up resistors are not provided in this device.
ORDERING INFORMATION
Part Number
Package
Internal PROM
Quality Grade
µPD75P3036GC-3B9
80-pin plastic QFP
One-time PROM
Standard
(14
× 14 mm, 0.65-mm pitch)
µPD75P3036GK-BE9
80-pin plastic TQFP
One-time PROM
Standard
(fine pitch) (12
× 12 mm, 0.5-mm pitch)
µPD75P3036KK-T
80-pin ceramic WQFN
EPROM
Not applicable
Document No. U11575EJ1V0DS00 (1st edition)
(Previous No.
IP-3657)
Date Published November 1996 P
Printed in Japan
The information in this document is subject to change without notice.
In this document, the term PROM is used in parts common to one-time PROM versions and EPROM versions.
*
*
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
The mark
shows major revised points.
*


Similar Part No. - UPD75P3036GC-3B9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P3036GC-3B9 RENESAS-UPD75P3036GC-3B9 Datasheet
572Kb / 67P
   MOS INTEGRATED CIRCUIT
1996
UPD75P3036GC-3B9-A RENESAS-UPD75P3036GC-3B9-A Datasheet
572Kb / 67P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD75P3036GC-3B9

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com