Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2M Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # US2M
Description  Surface Mounted High-efficiency Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

US2M Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  US2M Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd US2M Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US2J
600
420
50
50
SIYU R
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒 seconds at terminals
机械数据 Mechanical Data
·端子
: 焊料被镀 Terminals: Solder plated
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Surface Mounted High-efficiency Rectifier
Operating junction and storage temperature range
Tj, TSTG
RθJA
大昌电子
DACHANG ELECTRONICS
·封装
: 塑料封装 Case: Molded plastic body
表面安装高效率整流二极管
600
2.0
10
75
1.7
最大反向电流
TA= 25℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
IR
trr
Maximum reverse current
Type junction capacitance
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF =2.0A
pF
15
最大正向电压
Maximum forward voltage
Cj
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
500
TA= 125℃
US2A ...... US2M
Reverse Voltage 50 --- 1000 V
Forward Current 2.0 A
反向电压
50 --- 1000 V
正向电流
2.0 A
US2K
800
560
800
US2M
1000
700
1000
US2G
400
280
400
US2D
200
140
200
US2B
100
70
100
US2A
50
35
50
US2J
US2K US2M
US2G
US2D
US2B
US2A
1.3
1.0
50
SMB
.155(3.94)
.130(3.30)
.083(2.11)
.075(1.91)
.185(4.70)
.160(4.06)
.012(0.305)
.006(0.152)
.220(5.59)
.200(5.08)
.050(1.27)
.030(0.76)
Unit:inch(mm)
.096(2.44)
.083(2.13)
.008(0.203)
.002(0.051)


Similar Part No. - US2M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2M SSE-US2M Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US2M YFWDIODE-US2M Datasheet
762Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Frontier Electronics.
US2M FRONTIER-US2M Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Nanjing International G...
US2M DGNJDZ-US2M Datasheet
126Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Shanghai Shunye Electro...
US2M SHUNYE-US2M Datasheet
1,020Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US2M

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
US1A DACHANG-US1A_15 Datasheet
120Kb / 2P
   Surface Mounted High-efficiency Rectifier
US3A DACHANG-US3A_15 Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier
US1AL DACHANG-US1AL_15 Datasheet
129Kb / 2P
   Surface Mounted High-efficiency Rectifier
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US3A YIXIN-US3A Datasheet
156Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Electronics ...
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
SOD1H1 CHENDA-SOD1H1_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com