Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2K Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # US2K
Description  Surface Mounted High-efficiency Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

US2K Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  US2K Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd US2K Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
1.8
1.4
1.6
0.8
1.0
1.2
0.01
0.1
0.2
1
2
10
2.4
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75 100 125 150 175
1
2
4 6
10
20
40
100
40
30
20
10
0
50
大昌电子
DACHANG ELECTRONICS
Tj = 25 °C
US2A ...... US2M
US2A thru
US2D
US2G
US2J thru US2M


Similar Part No. - US2K

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US2K DGNJDZ-US2K Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Shanghai Sunrise Electr...
US2K SSE-US2K Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2K YIXIN-US2K Datasheet
158Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Frontier Electronics.
US2K FRONTIER-US2K Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US2K YFWDIODE-US2K Datasheet
88Kb / 2P
   High Efficiency Recovery rectifiers
More results

Similar Description - US2K

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
US1A DACHANG-US1A_15 Datasheet
120Kb / 2P
   Surface Mounted High-efficiency Rectifier
US3A DACHANG-US3A_15 Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier
US1AL DACHANG-US1AL_15 Datasheet
129Kb / 2P
   Surface Mounted High-efficiency Rectifier
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US3A YIXIN-US3A Datasheet
156Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Electronics ...
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
SOD1H1 CHENDA-SOD1H1_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com