Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF38 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # SF38
Description  Plastic Super Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SF38 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  SF38 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SF38 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
反向电压
50 ---600V
正向电流
3.0 A
SF31
SF32
SF33
SF34
SF35
SF36
SF38
50
100
150
300
400
600
50
100
150
300
400
600
35
70
105
210
280
420
20
125
3.0
5.0
SF31...... SF38
35
1.3
0.95
200
200
140
SIYU R
最大反向电流
TA= 25℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
IR
trr
Maximum reverse current
Type junction capacitance
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 3.0A
pF
95
最大正向电压
Maximum forward voltage
Cj
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Reverse Voltage 50 to 600V
Forward Current 3.0A
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
RθJA
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
DIA
DIA
.052(1.3)
.048(1.2)
DO-27
Unit:inch(mm)
1.7
大昌电子
DACHANG ELECTRONICS
SF31
SF32
SF33
SF34
SF35
SF36
SF38
100
TA=100℃
特征 Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·引线和管体皆符合
RoHS标准 。
Lead and body according with RoHS standard
塑封超快速整流二极管
Plastic Super Fast Recover Rectifier


Similar Part No. - SF38

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF38 MOSPEC-SF38 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,500-1000V)
logo
Nanjing International G...
SF38 DGNJDZ-SF38 Datasheet
324Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Chongqing Pingwei Enter...
SF38 CHONGQING-SF38 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Guangdong Juxing Electr...
SF38 JUXING-SF38 Datasheet
707Kb / 2P
   Superfast Recovery Rectitiers
logo
Rugao Dachang Electroni...
SF38 DACHANG-SF38 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
More results

Similar Description - SF38

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
SF51 DACHANG-SF51_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
ER200 DACHANG-ER200_15 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
ER300 DACHANG-ER300_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
ER100 DACHANG-ER100_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
BYV26A DACHANG-BYV26A_15 Datasheet
119Kb / 2P
   Plastic Super Fast Recover Rectifier
SF21 DACHANG-SF21_15 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
SF61 DACHANG-SF61_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com