Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF25 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # SF25
Description  Plastic Super Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SF25 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  SF25 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SF25 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
特性曲线 Characteristic Curves
SF21 ...... SF28
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
0.2
1
2
10
Tj = 25 °C
SF21 Thru SF24
SF25
SF26
SF28
1
2
4 6
10
20
40
100
40
30
20
10
0
50
10mm
10mm
2.8
2.4
2
1.6
1.2
0.8
0.4
0
0
25
50
75 100 125 150 175
10mm
10mm
大昌电子
DACHANG ELECTRONICS


Similar Part No. - SF25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF25 TSC-SF25 Datasheet
561Kb / 2P
   2.0 AMPS. Super Fast Rectifiers
logo
Mospec Semiconductor
SF25 MOSPEC-SF25 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
Nanjing International G...
SF25 DGNJDZ-SF25 Datasheet
82Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Micro Commercial Compon...
SF25 MCC-SF25 Datasheet
94Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Yangzhou yangjie electr...
SF25 YANGJIE-SF25 Datasheet
202Kb / 2P
   Super Fast Rectifier
More results

Similar Description - SF25

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
SF51 DACHANG-SF51_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
ER200 DACHANG-ER200_15 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
ER300 DACHANG-ER300_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
ER100 DACHANG-ER100_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
SF31 DACHANG-SF31_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
BYV26A DACHANG-BYV26A_15 Datasheet
119Kb / 2P
   Plastic Super Fast Recover Rectifier
SF61 DACHANG-SF61_15 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com