Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19371 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19371
Description  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19371_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371_14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371_14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
5/8
Version: H14
Application Information (Continue)
Typical Application Circuit
Reference Design Information
VIN Range
(V)
VLED
(V)
L (
μH)
LED
(Series)
LED
(Parallel)
Current
(Series/mA)
Resistor
(Ω)
Efficiency
(%)
5
19.8
22
6pcs
14
20
4.75
81.2
9
29.7
33
9pcs
14
20
4.75
83.6
12
29.7
47
9pcs
14
20
4.75
87.2
15
29.7
68
9pcs
14
20
4.75
88.4
Typical Application Circuit for 1W x 6pcs LEDs
Reference Design Information
VIN Range
(V)
VLED.
(V)
L (
μH)
1W LED
(Series)
Current
(mA)
Resistor
(Ω)
Efficiency
(%)
12~15
19.8
68
6pcs
350
0.22
88


Similar Part No. - TS19371_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
More results

Similar Description - TS19371_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com