Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD300-82 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # PSD300-82
Description  Power Snubber Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

PSD300-82 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  PSD300-82_15 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd PSD300-82_15 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd PSD300-82_15 Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd PSD300-82_15 Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd PSD300-82_15 Datasheet HTML 5Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSD300-82
大昌电子 DACHANG ELECTRONICS
SIYUR
功率缓冲二极管
Power Snubber Diode
1.特征 Features
● 小型化,高可靠性
Miniaturization,High Reliability
● 替代传统的 RCD 缓冲电路
Substitution traditional RCD snubber circuit
● 钳位电压稳定
Steady Clamping voltage
● 高温焊接保证
High temperature soldering guaranteed
260℃/10 秒,9.5mm 引线长度
260℃/10s,9.5mm lead length
● 引线和管体皆符合 RoHS 标准
Lead and body according with RoHS standard
2.机械数据 Mechanical Data
极性标识:FR 阴极端用色环标识
Polarity:Color band denotes FR cathode end
3.极限值和温度特性
TA = 25℃ 除非另有规定
Maximum Ratings & Temperature Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
项目
Item
参数
Symbol
条件
Conditions
ZD
FR
单位
Unit
最大反向功率损耗
Maximum surge reverse power
PRSM
10/1000us
Non-repetitive
300
-
W
最大反向浪涌电流
Maximum surge reverse Current
IRSM
10/1000us
Non-repetitive
2.5
-
A
最大反向电压
Maximum reverse voltage
VRM
-
67
600
V
储存温度
Storage temperature
Tstg
-
-40~150
最高结温
Operating junction temperature
Tj
-
150
电特性
TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
转折电压
Breakdowm voltage
VBR
IT=1mA
MIN.74
TYP.82
MAX.90
-
-
-
V
钳位电压
Clamping voltage
Vcl
Ipp=2.5A
MAX.118
-
V
VR=67V
MAX.5.0
-
漏电流
Leakage current
IR
VR=600V
-
MAX.5.0
uA
最大反向恢复时间
Max Reverse Recovery Time
TRR
IF=0.5A
IR=1.0A
IRR=0.25A
MAX.250
ns
典型热阻
Typical thermal resistance
RθJL
结到引线
Junction to lead
MAX.13
MAX.13
℃/W
Package Dimensions
Case:DO15L
Unit:mm
7.5±0.2
Min 25.4
Min 25.4


Similar Part No. - PSD300-82_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
PSD300-82 DACHANG-PSD300-82 Datasheet
147Kb / 5P
   Power Snubber Diode
More results

Similar Description - PSD300-82_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
PSD200-170 DACHANG-PSD200-170 Datasheet
175Kb / 5P
   Power Snubber Diode
PSD200-200 DACHANG-PSD200-200 Datasheet
181Kb / 5P
   Power Snubber Diode
PSD300-82 DACHANG-PSD300-82 Datasheet
147Kb / 5P
   Power Snubber Diode
PSD300-200 DACHANG-PSD300-200 Datasheet
185Kb / 5P
   Power Snubber Diode
PSD200-82 DACHANG-PSD200-82_15 Datasheet
143Kb / 5P
   Power Snubber Diode
PSD200-82 DACHANG-PSD200-82 Datasheet
143Kb / 5P
   Power Snubber Diode
PSD200-170 DACHANG-PSD200-170_15 Datasheet
175Kb / 5P
   Power Snubber Diode
PSD300-200 DACHANG-PSD300-200_15 Datasheet
185Kb / 5P
   Power Snubber Diode
PSD300-170 DACHANG-PSD300-170 Datasheet
178Kb / 5P
   Power Snubber Diode
PSD200-200 DACHANG-PSD200-200_15 Datasheet
181Kb / 5P
   Power Snubber Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com