Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5204CX33RF Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS5204CX33RF
Description  80mA Low Noise LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CX33RF Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS5204CX33RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CX33RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CX33RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CX33RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5204CX33RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5204CX33RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5204CX33RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5204CX33RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS5204CX33RF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS5204
80mA Low Noise LDO Voltage Regulator
8/9
Version: J13
DFN 2x2 Mechanical Drawing
Marking Diagram
J
= Device Code
xx
= Fixed Output Voltage Code (50 =5.0V, 33 =3.3V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L
= Lot Code
DFN 2x2 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
0.80
0.90
0.031
0.035
A1
0.01 (typ)
0.0003 (typ)
A3
0.20 (typ)
0.0078 (typ)
b
0.22
0.33
0.008
0.013
D
1.90
2.10
0.074
0.083
D1
1.25 (typ)
0.049 (typ)
E
1.90
2.10
0.075
0.083
E1
0.65 (typ)
0.025 (typ)
L
0.35 (typ)
0.013 (typ)
e
0.65 (typ)
0.025 (typ)
Y
--
0.10
--
0.04


Similar Part No. - TS5204CX33RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204CX33 TSC-TS5204CX33 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results

Similar Description - TS5204CX33RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com