Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2938 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938
Description  500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2938_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS2938
Taiwan Semiconductor
Document Number: DS_P0000209
3
Version: G15
ELECTRICAL SPECIFICATIONS
(VIN=VOUT+1V, IL=5mA, CO=10µF, TA=25
oC, unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Shutdown Input
Input Logic Voltage
Low (Regulator ON)
--
1.3
0.7
V
High (Regulator OFF)
2.0
--
--
Shutdown Pin Input Current
VINHIBIT = 2.4V
--
30
50
µA
VINHIBIT = 26V
--
450
600
Regulator Output Current in Shutdown
VINHIBIT ≤ 2V, VIN ≤ 26V
VOUT=0V
--
--
200
Note:
1.
Absolute Maximum Rating is limits beyond which damage to the device may occur.
For guaranteed specifications and test conditions see the electrical characteristics.
2.
Maximum positive supply voltage of 60V must be limited duration (<100ms) and duty cycle (<1%).
3.
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction
to ambient thermal resistance, RӨJA, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of RӨJA can be reduced by using a heatsink.
4.
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
5.
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current.
6.
Output current will decrease with increasing temperature, but it will be not dropped below 500mA at the
maximum specified temperature.


Similar Part No. - TS2938_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2938ACP5 TSC-TS2938ACP5 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP52.5 TSC-TS2938ACP52.5 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP525 TSC-TS2938ACP525 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP53.3 TSC-TS2938ACP53.3 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP533 TSC-TS2938ACP533 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
More results

Similar Description - TS2938_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_08 Datasheet
277Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
   Very low-dropout voltage regulator with inhibit function
May 2017 Rev 15
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com