Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1916 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS1916
Description  1.7A Boost WLED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1916 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS1916 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TS1916
1.7A Boost WLED Driver
8/10
Version: A14
Electrical Characteristics Curve
Figure 13. Frequency vs. Input Voltage
Figure 14. Enable Voltage vs. Input Voltage
Figure 15. Efficiency vs. Output Current
Figure 16. Efficiency vs. Input Voltage


Similar Part No. - TS1916

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910ACSRLG TSC-TS1910ACSRLG Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910CSRLG TSC-TS1910CSRLG Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
More results

Similar Description - TS1916

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com