Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS331 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS331
Description  Low Power Low Offset Voltage Comparators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS331 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS331 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS331 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS331 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS331 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS331 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS331
Low Power Low Offset Voltage Comparators
2/5
Version: B14
Electrical Characteristics (VCC=5V, TA=25oC; unless otherwise specified.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (note 3)
VIO
--
2
5
mV
Input Offset Current, IIN(+) - IIN(-), VCM=0V
IIO
--
--
50
nA
Input Offset Current (note 4), IIN(+) - IIN(-), VCM=0V
IIB
--
--
250
nA
Input Common Mode Voltage Range, Vcc=30V
VICR
-0
--
VCC-1.5
V
Voltage Gain, RL ≥15K, Vcc=15V, Vo=1V~11V
AVOL
50
200
--
V/mV
Large Signal Response Time
Vin=TTL Logic Swing. Vref = 1.4V, VRL=5V. RL=5.1KΩ
--
--
300
--
nS
Response Time (note 6), VRL=5V. RL=5.1KΩ
tTLH
--
1.3
--
uS
Output Sink Current, VIN(-)=1V, VIN(+)=0V, Vo≤1.5V
ISINK
6.0
16
--
mA
Output Saturation Voltage,
VIN(-)=1V, VIN(+)=0V, ISINK≤4mA
VOL
--
250
400
mV
Output Leakage Current, VIN(-)=0V, VIN(+)=1V, Vo=5V
IOL
--
0.1
--
nA
Supply Current
RL = ∞, VCC =5V
RL = ∞, VCC =36V
Icc
--
--
0.4
1.0
1.0
2.5
mA
Note 1. The max. Output current may be as high as 20mA, independent of the magnitude of VCC, output short
circuits to VCC can cause excessive heating and eventual destruction.
Note 2. This magnitude of input current will only occur if the input leads are driven more negative than ground or
the negative supply voltage. This is due to the input PNP collector base junction becoming forward biased
acting as an input clamp diode. There is also a lateral PNP parasitic transistor action on the IC chip. This
phenomena can cause the output voltage of the comparators to go to the VCC voltage level (or ground if
overdrive is large) during the time the input is driven negative. This will not destroy the device and normal
output states will recover when the inputs become -0.3V of ground or negative supply.
Note 3. At output switch point, VO=1.4Vdc, RS=0Ω with VCC from 5Vdc to 30Vdc, and over the full input common-
mode
Note 4. Due to the PNP transistor inputs, bias current will flow out of the inputs, this current is essentially constant
independent of the output state, therefore, no loading changes will exist on the input lines.
Note 5. Input common mode of either input should not be permitted to go more than 0.3V negative of ground or
minus supply. The upper limit of common mode range is VCC - 1.5V but either or both inputs can betaken
to as high as 30volts without damage.
Note 6. Response time is specified with a 100mV step and 5.0mV of overdrive. With larger magnitudes of
overdrive faster response times are obtainable.
Application information
This comparator feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if
the outputs are capacitive coupled to the inputs via stray capacitance. This oscillation manifests itself during
output transitions (VOL to VOH). To alleviate this situation input resistors<10KΩ should be used. The addition of
positive feedback (<10 mV) is also recommended.
It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage
without damaging the comparator's inputs. Voltages more negative than -0.3V should not be used.


Similar Part No. - TS331

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
TS331 STMICROELECTRONICS-TS331 Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Touchstone Semiconducto...
TS3310 TOUCHSTONE-TS3310 Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
logo
Silicon Laboratories
TS3310 SILABS-TS3310 Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
TS3310ITD1022 SILABS-TS3310ITD1022 Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
More results

Similar Description - TS331

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Hi-Sincerity Mocroelect...
H393P HSMC-H393P Datasheet
34Kb / 3P
   LOW POWER LOW OFFSET VOLTAGE COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com