Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS78M00 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS78M00
Description  3-Terminal 500mA Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M00 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS78M00 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M00 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M00 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M00 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M00 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS78M00 Series
3-Terminal 500mA Positive Voltage Regulator
1/5
Version: D14
TO-252
(DPAK)
General Description
The TS78M00 Series positive voltage regulators are identical to the popular TS7800 Series devices, except that
they are specified for only half the output current. Like the TS7800 devices, the TS78M00 Series 3-Terminal
regulators are intended for local, on-card voltage regulation. Internal current limiting, thermal shutdown circuitry
and safe-area compensation for the internal pass transistor combine to make these devices remarkably rugged
under most operating conditions. Maximum output current with adequate heatsink is 500mA
Features
Output Voltage Range 5V & 12V
Output current up to 500mA
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Standard Application Circuit
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point
on the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Ordering Information
Part No.
Package
Packing
TS78MxxCP RO
TO-252
2.5kpcs / 13” Reel
Note: Where xx denote voltage option, available are:
05=5V, 12=12V,
Absolute Maximum Ratings (TA=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
35
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Thermal Resistance - Junction to Case
RӨJC
10
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
100
oC/W
Pin Definition:
1. Input
2. Ground (tab)
3. Output


Similar Part No. - TS78M00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS78M00 ETC-TS78M00 Datasheet
177Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78M00 TSC-TS78M00 Datasheet
178Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
TS78M00A TSC-TS78M00A Datasheet
173Kb / 9P
   3-Terminal Medium Current Positive Voltage Regulator
TS78M00A TSC-TS78M00A Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
More results

Similar Description - TS78M00

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com