Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1485I Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1485I
Description  Differential Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1485I Datasheet(HTML) 5 Page - Linear Technology

  LTC1485I Datasheet HTML 1Page - Linear Technology LTC1485I Datasheet HTML 2Page - Linear Technology LTC1485I Datasheet HTML 3Page - Linear Technology LTC1485I Datasheet HTML 4Page - Linear Technology LTC1485I Datasheet HTML 5Page - Linear Technology LTC1485I Datasheet HTML 6Page - Linear Technology LTC1485I Datasheet HTML 7Page - Linear Technology LTC1485I Datasheet HTML 8Page - Linear Technology LTC1485I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1485
PI FU CTIO S
RO (Pin 1): Receiver Output. If the receiver output is
enabled (RE low), then if A > B by 200mV, RO will be high.
If A < B by 200mV, then RO will be low.
RE (Pin 2): Receiver Output Enable. A low enables the
receiver output, RO. A high input forces the receiver
output into a high impedance state.
DE (Pin 3): Driver Output Enable. A high on DE enables the
driver outputs, A and B. A low input will force the driver
outputs into a high impedance state.
DI (Pin 4): Driver Input. If the driver outputs are enabled
(DE high), then a low on DI forces the driver outputs A low
and B high. A high on DI will force A high and B low.
GND (Pin 5): Ground Connection.
A (Pin 6): Driver Output/Receiver Input.
B (Pin 7): Driver Output/Receiver Input.
VCC (Pin 8): Positive Supply. 4.75V ≤ VCC ≤ 5.25V.
TEST CIRCUITS
Figure 3. Receiver Timing Test Load
1k
1485 F03
CL
S1
S2
1k
VCC
RECEIVER
OUTPUT
Figure 4. Driver Timing Test Load
1485 F04
CL
S1
S2
500
VCC
OUTPUT
UNDER TEST
VOD2
A
B
R
R
VOC
1485 F01
DI
RDIFF
1485 F02
DRIVER
RECEIVER
CL1
CL2
RO
15pF
A
B
A
B
Figure 1. Driver DC Test Load
Figure 2. Driver/Receiver Timing Test Circuit


Similar Part No. - LTC1485I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1485 LINER-LTC1485 Datasheet
155Kb / 8P
   Ultralow Power RS485 Transceiver with Shutdown
LTC1485 LINER-LTC1485 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC1485 LINER-LTC1485 Datasheet
188Kb / 12P
   Differential Bus Transceiver
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
More results

Similar Description - LTC1485I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com