Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3021 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3021
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3021_15 Datasheet HTML 2Page - Linear Technology LT3021_15 Datasheet HTML 3Page - Linear Technology LT3021_15 Datasheet HTML 4Page - Linear Technology LT3021_15 Datasheet HTML 5Page - Linear Technology LT3021_15 Datasheet HTML 6Page - Linear Technology LT3021_15 Datasheet HTML 7Page - Linear Technology LT3021_15 Datasheet HTML 8Page - Linear Technology LT3021_15 Datasheet HTML 9Page - Linear Technology LT3021_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
6
3021fc
TYPICAL PERFORMANCE CHARACTERISTICS
ADJ Pin Voltage
ADJ Pin Bias Current
Quiescent Current
Output Voltage
Output Voltage
Output Voltage
Quiescent Current
Quiescent Current
Quiescent Current
TEMPERATURE (°C)
–50
206
204
202
198
200
196
194
3021 G04
25
0
–25
50
75
125
100
TEMPERATURE (°C)
–50
25
20
15
5
10
0
3021 G11
25
0
–25
50
75
125
100
TEMPERATURE (°C)
–50
250
225
200
150
175
125
100
75
50
25
0
25
0
–25
50
75
125
100
3021 G05
VIN = 6V
VOUT = 1.2V
IL = 0
VSHDN = VIN
VSHDN = 0V
TEMPERATURE (°C)
–50
1.23
1.22
1.21
1.20
1.19
1.18
1.17
25
75
3021 G28
–25
0
50
100
125
ILOAD = 1mA
TEMPERATURE (°C)
–50
1.53
1.52
1.51
1.50
1.49
1.48
1.47
25
75
3021 G23
–25
0
50
100
125
ILOAD = 1mA
TEMPERATURE (°C)
–50
1.83
1.82
1.81
1.80
1.79
1.78
1.77
25
75
3021 G22
–25
0
50
100
125
ILOAD = 1mA
INPUT VOLTAGE (V)
0
3.0
2.5
2.0
1.0
1.5
0.5
0
3021 G03
3
2
15
8
47
6
10
9
VSHDN = VIN
VSHDN = 0V
VOUT = 1.2V
IL = 0
TJ = 25°C
INPUT VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
0
24
6
8
3021 G26
10
1
03
5
7
9
VOUT = 1.5V
IL = 0
TJ = 25°C
VSHDN = 0V
VSHDN = VIN
INPUT VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
0
24
6
8
3021 G27
10
1
03
5
7
9
VOUT = 1.8V
IL = 0
TJ = 25°C
VSHDN = 0V
VSHDN = VIN


Similar Part No. - LT3021_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.2 LINER-LT3021-1.2 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3021-1.2 LINEAR_DIMENSIONS-LT3021-1.2 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.5 LINER-LT3021-1.5 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3021-1.5 LINEAR_DIMENSIONS-LT3021-1.5 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3021_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3021ES8PBF LINEAR_DIMENSIONS-LT3021ES8PBF Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com