Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV0033C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RV0033C
Description  HIGH VOLTAGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RV0033C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RV0033C_15 Datasheet HTML 1Page - Solid States Devices, Inc RV0033C_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PACKAGE OUTLINE:
Axial
B
ØC
ØA
D
D
DIMENSIONS
DIM
MIN
MAX
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SAM50FA
---
.300”
A
B
---
.425”
C
.
.047”
05”
D
-
1.10”
--
Surface Mount Square Tab
DIMENSIONS
DIM
MIN
MAX
A
.
.170”
205”
B
.
.290”
450”
C
.
.020”
035”
D
.002”
---
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0033C
DOC


Similar Part No. - RV0033C_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RV0033C SSDI-RV0033C Datasheet
79Kb / 2P
   RECTIFIER
More results

Similar Description - RV0033C_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
   HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Voltage Multipliers Inc...
M180UFG VMI-M180UFG Datasheet
66Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
FM1200W RECTRON-FM1200W Datasheet
34Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
RC0098 SSDI-RC0098 Datasheet
26Kb / 1P
   HIGH VOLTAGE RECTIFIER
RA0107B SSDI-RA0107B Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Galaxy Semi-Conductor H...
R2500F BILIN-R2500F Datasheet
40Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com