Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1451IN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1451IN8
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1451IN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1451IN8 Datasheet HTML 4Page - Linear Technology LTC1451IN8 Datasheet HTML 5Page - Linear Technology LTC1451IN8 Datasheet HTML 6Page - Linear Technology LTC1451IN8 Datasheet HTML 7Page - Linear Technology LTC1451IN8 Datasheet HTML 8Page - Linear Technology LTC1451IN8 Datasheet HTML 9Page - Linear Technology LTC1451IN8 Datasheet HTML 10Page - Linear Technology LTC1451IN8 Datasheet HTML 11Page - Linear Technology LTC1451IN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1451
LTC1452/LTC1453
12-Bit 3V to 5V Voltage Output DAC
DIN
CLK
CS/LD
DOUT
µP
0.1
µF
OUTPUT
LTC1451: 0V TO 4.095V
LTC1452: 0V TO 2 • REF
LTC1453: 0V TO 2.5V
LTC1451: 2.048V
LTC1452: EXTERNAL
LTC1453: 1.22V
VCC
VOUT
GND
LTC145X
VREF
TO NEXT DAC FOR
DAISY-CHAINING
LTC1451: 4.5V TO 5.5V
LTC1452: 2.7V TO 5.5V
LTC1453: 2.7V TO 5.5V
1451/2/3 TA03
Digitally Programmable Current Source
CLK
DIN
CS/LD
µP
0.1
µF
VCC
VOUT
GND
5V
LTC1451
1451/2/3 TA05
+
LT1077
VS + 5V TO 100V
FOR RL ≤ 50Ω
Q1
2N3440
RA
410
RL
IOUT =
≈ 0mA TO 10mA
DIN • 4.095
4096 • RA
This circuit shows a digitally programmable current source
from an external voltage source using an external op amp,
an LT1077 and an NPN transistor (2N3440). Any digital
word from 0 to 4095 is loaded into the LTC1451 and its
output correspondingly swings from 0V to 4.095V. In the
configuration shown, this voltage will be forced across the
resistor RA. If RA is chosen to be 410Ω the output current
will range from 0mA at zero-scale to 10mA at full-scale.
The minimum voltage for VS is determined by the load
resistor RL and Q1's VCESAT voltage. With a load resistor
of 50
Ω, the voltage source can be as low as 5V.
TYPICAL APPLICATIO S


Similar Part No. - LTC1451IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1451 LINER-LTC1451 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1451 LINER-LTC1451 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
More results

Similar Description - LTC1451IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_1 Datasheet
172Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Technology
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com