Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1478 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1478
Description  Single and Dual Protected High Side Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1478 Datasheet(HTML) 8 Page - Linear Technology

  LTC1478 Datasheet HTML 1Page - Linear Technology LTC1478 Datasheet HTML 2Page - Linear Technology LTC1478 Datasheet HTML 3Page - Linear Technology LTC1478 Datasheet HTML 4Page - Linear Technology LTC1478 Datasheet HTML 5Page - Linear Technology LTC1478 Datasheet HTML 6Page - Linear Technology LTC1478 Datasheet HTML 7Page - Linear Technology LTC1478 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1477/LTC1478
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 0995 10K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1995
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1153
Electronic Circuit Breaker
MOSFET Driver with Adjustable Reset Time
LTC1154
Single High Side Driver
MOSFET Driver with Switch Status Output
LTC1155
Dual High Side Driver
Dual MOSFET Driver with Protection
LTC1470
5V and 3.3V VCC Switch
SafeSlot
TM Protected Switch in 8-Lead SO
LTC1471
Dual 5V and 3.3V VCC Switch
Dual Version of LTC1470 in 16-Lead SO
LTC1472
PCMCIA VCC and VPP Switches
Complete Single Channel SafeSlot Protection
SafeSlot is a trademark of Linear Technology Corporation.
Dimension in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
S16 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)


Similar Part No. - LTC1478

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470CS8 LINER-LTC1470CS8 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
More results

Similar Description - LTC1478

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
   Single 2A/Dual 1A High-Side Switches
06/23/16
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Maxim Integrated Produc...
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com