Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1450IG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1450IG
Description  Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1450IG Datasheet(HTML) 2 Page - Linear Technology

  LTC1450IG Datasheet HTML 1Page - Linear Technology LTC1450IG Datasheet HTML 2Page - Linear Technology LTC1450IG Datasheet HTML 3Page - Linear Technology LTC1450IG Datasheet HTML 4Page - Linear Technology LTC1450IG Datasheet HTML 5Page - Linear Technology LTC1450IG Datasheet HTML 6Page - Linear Technology LTC1450IG Datasheet HTML 7Page - Linear Technology LTC1450IG Datasheet HTML 8Page - Linear Technology LTC1450IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1450/LTC1450L
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
VCC to GND .............................................. –0.5V to 7.5V
Logic Inputs to GND ................................ – 0.5V to 7.5V
VOUT .............................................. –0.5V to VCC + 0.5V
REFOUT, REFLO, REFHI, X1/X2 ..... – 0.5V to VCC + 0.5V
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range
Commercial ........................................... 0
°C to 70°C
Industrial ......................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 95°C/ W (G)
TJMAX = 125°C, θJA = 58°C/ W (N)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
q
12
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 1)
q
±0.5
LSB
INL
Integral Nonlinearity
TA = 25°C
±3.5
LSB
(Note 1)
q
±4.0
LSB
VOS
Offset Error
TA = 25°C
±12
mV
q
±18
mV
VOS TC
Offset Error Temperature Coefficient
±15
µV/°C
VFS
Full-Scale Voltage
Using Internal Reference, LTC1450, TA = 25°C
4.065
4.095
4.125
V
Using Internal Reference, LTC1450
q
4.045
4.095
4.145
V
External 2.048V Reference, LTC1450
q
4.075
4.095
4.115
V
Using Internal Reference, LTC1450L, TA = 25°C
2.470
2.500
2.530
V
Using Internal Reference, LTC1450L
q
2.460
2.500
2.540
V
External 1.22V Reference, LTC1450L
q
2.480
2.500
2.520
V
VFS TC
Full-Scale Voltage Temperature Coefficient
Using Internal Reference, LTC1450
±0.10
LSB/
°C
Using External Reference, LTC1450/LTC1450L
±0.02
LSB/
°C
Using Internal Reference, LTC1450L
±0.10
LSB/
°C
Reference Output (REFOUT)
Reference Output Voltage
LTC1450L
q
1.195
1.220
1.245
V
LTC1450
q
2.008
2.048
2.088
V
Reference Output Temperature Coefficient
±0.08
LSB/
°C
Reference Line Regulation
q
0.7
±2LSB/V
Reference Load Regulation
0
≤ IOUT ≤ 100µA,
LTC1450L
q
0.6
± 3.0
LSB
LTC1450
q
0.2
±1.5
LSB
Short-Circuit Current
REFOUT Shorted to GND
q
80
mA
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
N PACKAGE
24-LEAD PLASTIC PDIP
24
23
22
21
20
19
18
17
16
15
14
13
WR
CSLSB
CSMSB
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
D8
LDAC
CLR
X1/X2
VOUT
VCC
REFOUT
REFHI
REFLO
GND
D11(MSB)
D10
D9
LTC1450CG
LTC1450CN
LTC1450IG
LTC1450IN
LTC1450LCG
LTC1450LCN
LTC1450LIG
LTC1450LIN
VCC = 4.5V to 5.5V (LTC1450), 2.7V to 5.5V (LTC1450L), VOUT unloaded,
REFOUT = REFHI, REFLO = GND = X1/X2, TA = TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1450IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450 LINER-LTC1450 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1450 LINER-LTC1450 Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450L LINER-LTC1450L Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1450L LINER-LTC1450L Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450L LINER-LTC1450L_15 Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
More results

Similar Description - LTC1450IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450 LINER-LTC1450_15 Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450L LINER-LTC1450L_15 Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com