Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1439IG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1439IG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1439IG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1439IG Datasheet HTML 4Page - Linear Technology LTC1439IG Datasheet HTML 5Page - Linear Technology LTC1439IG Datasheet HTML 6Page - Linear Technology LTC1439IG Datasheet HTML 7Page - Linear Technology LTC1439IG Datasheet HTML 8Page - Linear Technology LTC1439IG Datasheet HTML 9Page - Linear Technology LTC1439IG Datasheet HTML 10Page - Linear Technology LTC1439IG Datasheet HTML 11Page - Linear Technology LTC1439IG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1438/LTC1439
PIN FUNCTIONS
SENSE + 1, SENSE + 2: The (+) Input to Each Current
Comparator. Built-in offsets between SENSE1 and
SENSE+ 1 pins in conjunction with RSENSE1 set the current
trip threshold (same for second controller).
VOSENSE1,2: Receives the remotely sensed feedback volt-
age either from the output directly or from an external
resistive divider across the output. The VPROG2 pin deter-
mines which point VOSENSE2 must connect to. The
VOSENSE1 pin, only available on the LTC1438-ADJ, re-
quires an external resistive divider to set the output
voltage.
VPROG1, VPROG2: Programs Internal Voltage Attenuators
for Output Voltage Sensing. The voltage sensing for thefirst
controller is internally connected to SENSE 1 while the
VOSENSE2 pin allows for remote sensing for the second
controller. For VPROG1, VPROG2 < VINTVCC/3, the divider is
set for an output voltage of 3.3V. With VPROG1,
VPROG2 > VINTVCC/1.5 the divider is set for an output
voltage of 5V. Leaving VPROG2 open (DC) allows the output
voltage of the second controller to be set by an external
resistive divider connected to VOSENSE2.
COSC: External capacitor COSC from this pin to ground sets
the operating frequency.
ITH1, ITH2: Error Amplifier Compensation Point. Each as-
sociated current comparator threshold increases with this
control voltage.
RUN/SS1, RUN/SS2: Combination of Soft Start and Run
Control Inputs. A capacitor to ground at each of these pins
sets the ramp time to full current output. The time is
approximately 0.5s/
µF. Forcing either of these pins below
1.3V causes the IC to shut down the circuitry required for
that particular controller. Forcing both of these pins below
1.3V causes the device to shut down completely. For
applications which require 5V keep-alive, refer to the
LTC1538-AUX/LTC1539.
TGL1, TGL2: High Current Gate Drives for Main Top
N-Channel MOSFET. These are the outputs of floating
drivers with a voltage swing equal to INTVCC superim-
posed on the switch node voltage SW1 and SW2.
TGS1, TGS2: Gate Drives for Small Top N-Channel
MOSFET. These are the outputs of floating drivers with a
voltage swing equal to INTVCC superimposed on the
switch node voltage SW. Leaving TGS1 or TGS2 open
invokes Burst Mode operation for that controller.
BG1, BG2: High Current Gate Drive Outputs for Bottom
N-Channel MOSFETs. Voltage swing at these pins is from
ground to INTVCC.
SFB1: Secondary Winding Feedback Input. This input acts
only on the first controller and is normally connected to a
feedback resistive divider from the secondary winding.
Pulling this pin below 1.19V will force continuous syn-
chronous operation for the first controller. This pin should
be tied to: ground to force continuous operation; INTVCC
in applications that don’t use a secondary winding; and a
resistive divider from the output in applications using a
secondary winding.
POR2: This output is a drain of an N-channel pull-down.
This pin sinks current when the output voltage of the second
controller drops 7.5% below its regulated voltage and re-
leases 65536 oscillator cycles after the output voltage of the
second controller rises to within –5% value of its regulated
value.ThePOR2outputisassertedwhenRUN/SS1andRUN/
SS2 are both low, independant of the VOUT2. This pin is not
functional on the LTC1438X.
LBO: This output is a drain of an N-channel pull-down. This
pin will sink current when the LBI pin goes below 1.19V.
LBI: The (+) input of a comparator which can be used as
a low-battery voltage detector. The (–) input is connected
to the 1.19V internal reference.
PLLIN: External Synchronizing Input to Phase Detector.
This pin is internally terminated to SGND with 50k
Ω. Tie
this pin to SGND in applications which do not use the
phase-locked loop.
PLL LPF: Output of Phase Detector and Control Input of
Oscillator. Normally a series RC lowpass filter network is
connected from this pin to ground. Tie this pin to SGND in
applications which do not use the phase-locked loop. Can
be driven by a 0V to 2.4V logic signal for a frequency
shifting option.
AUXFB: Feedback Input to the Auxiliary Regulator/Com-
parator. When used as a linear regulator, this input can
either be connected to an external resistive divider or
directly to the collector of the external PNP pass device for


Similar Part No. - LTC1439IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1439 LINER-LTC1439_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1439IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1538-AUX LINER-LTC1538-AUX Datasheet
451Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1539 LINER-LTC1539_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1439 LINER-LTC1439_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com