Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1028 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1028
Description  Ultralow Noise Precision High Speed Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1028_15 Datasheet HTML 2Page - Linear Technology LT1028_15 Datasheet HTML 3Page - Linear Technology LT1028_15 Datasheet HTML 4Page - Linear Technology LT1028_15 Datasheet HTML 5Page - Linear Technology LT1028_15 Datasheet HTML 6Page - Linear Technology LT1028_15 Datasheet HTML 7Page - Linear Technology LT1028_15 Datasheet HTML 8Page - Linear Technology LT1028_15 Datasheet HTML 9Page - Linear Technology LT1028_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT1028/LT1128
6
1028fc
For more information www.linear.com/LT1028
Typical perForMance characTerisTics
10Hz Voltage Noise Distribution
Total Noise vs Matched Source
Resistance
Total Noise vs Unmatched Source
Resistance
Current Noise Spectrum
0.01Hz to 1Hz Voltage Noise
Voltage Noise vs Temperature
0.1Hz to 10Hz Voltage Noise
Wideband Noise, DC to 20kHz
Wideband Voltage Noise
(0.1Hz to Frequency Indicated)
0.6
0
20
60
80
100
1.0
1.4
1.8
180
1028 G01
40
0.8
1.2
120
140
160
1.6
2.0 2.2
8
70
148
158
57
28
7 4232 2 2
1
3 2 1 1 1
VS = ±15V
TA = 25°C
500 UNITS
MEASURED
FROM 4 RUNS
VOLTAGE NOISE DENSITY (nV/√Hz)
1028 G02
VERTICAL SCALE = 0.5µV/DIV
HORIZONTAL SCALE = 0.5ms/DIV
BANDWIDTH (Hz)
100
0.1
1
100k
1M
10M
1028 G03
0.01
10
10k
1k
VS = ±15V
TA = 25°C
MATCHED SOURCE RESISTANCE (Ω)
1
10
100
3
1k
10k
1028 G04
1
0.1
VS = ±15V
TA = 25°C
10
30 100 300
3k
AT 10Hz
2 RS NOISE ONLY
AT 1kHz
+
RS
RS
UNMATCHED SOURCE RESISTANCE ()
1
10
100
3
1k
10k
1028 G05
1
0.1
VS = ±15V
TA = 25°C
10
30 100 300
3k
AT 10Hz
2 RS NOISE ONLY
AT 1kHz
RS
FREQUENCY (Hz)
10
0.1
1
10
100
100
1k
10k
1028 G06
MAXIMUM
TYPICAL
1/f CORNER = 800Hz
1/f CORNER = 250Hz
TIME (SEC)
0
8
1028 G07
2
4
6
10
10nV
VS = ±15V
TA = 25°C
TIME (SEC)
0
80
1028 G08
20
40
60
100
10nV
VS = ±15V
TA = 25°C
TEMPERATURE (°C)
–50
0
0.8
2.0
0
50
75
1028 G09
O.4
1.6
1.2
–25
25
100 125
VS = ±15V
AT 10Hz
AT 1kHz


Similar Part No. - LT1028_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028AC LINER-LT1028AC Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1028ACH LINER-LT1028ACH Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1028ACH LINER-LT1028ACH Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1028ACJ8 LINER-LT1028ACJ8 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1028ACJ8 LINER-LT1028ACJ8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
More results

Similar Description - LT1028_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1028 LINER-LT1028_01 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com