Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1438XCG Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1438XCG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1438XCG Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1438XCG Datasheet HTML 5Page - Linear Technology LTC1438XCG Datasheet HTML 6Page - Linear Technology LTC1438XCG Datasheet HTML 7Page - Linear Technology LTC1438XCG Datasheet HTML 8Page - Linear Technology LTC1438XCG Datasheet HTML 9Page - Linear Technology LTC1438XCG Datasheet HTML 10Page - Linear Technology LTC1438XCG Datasheet HTML 11Page - Linear Technology LTC1438XCG Datasheet HTML 12Page - Linear Technology LTC1438XCG Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC1438/LTC1439
PIN FUNCTIONS
12V operation. When used as a comparator, this is the
noninverting input of a comparator whose inverting input
is tied to the internal 1.19V reference. See Auxiliary Regu-
lator Application section.
AUXON: Pulling this pin high turns on the auxiliary regu-
lator/comparator. The threshold is 1.19V. This is a conve-
nient linear power supply logic-controlled on/off input.
AUXDR: Open Drain Output of the Auxiliary Regulator/
Comparator. The base of an external PNP device is con-
nected to this pin when used as a linear regulator. An
external pull-up resistor is required for use as a compara-
tor. A voltage > 9.5V on AUXDR causes the internal 12V
resistive divider to be connected in series with the AUXFB pin.
FUNCTIONAL DIAGRA
PHASE
DETECTOR
OSCILLATOR
50k
PLLIN**
PLL LPF**
POWER-ON
RESET
POR2
LBI
RLP
VFB2
1.11V
CLP
COSC
COSC
fIN
BATTERY
SENSE
9V
0.6V
SFB
DROPOUT
DETECTOR
DUPLICATE FOR SECOND CONTROLLER CHANNEL
SWITCH
LOGIC
10k
LBO
AUXDR**
AUXFB**
SFB1*
SFB
1
µA
AUXON**
VLDO
VIN
4.8V
VIN
EXTVCC
INTVCC
VREF
VFB
VSEC
+
+
+
+
+
90.8k
+
3
µA
6V
1.19V
REF
5V LDO
REGULATOR
RUN
SOFT START
INTERNAL
SUPPLY
SGND
*IN SOME VERSIONS, NOT AVAILABLE ON BOTH CHANNELS
**NOT AVAILABLE ON LTC1438
FOLDBACK CURRENT LIMITING OPTION
1438 FD
S
R
Q
Q
+
+
+
SHUTDOWN
INTVCC
INTVCC
VIN
I1
I2
BOOST
SENSE +
VOSENSE*
VOUT
ITH
VPROG*
CC
CSS
RC
RUN/SS
SENSE
PGND
BG
SW
TGS**
TGL
8k
4k
320k
61k
119k
30k
EA
180k
1.28V
1.19V
SHUTDOWN
0V
CIN
CB
DB
RSENSE
COUT
CSEC
+
INTVCC
+
BOLD LINES INDICATE HIGH CURRENT PATHS
2.4V
DFB
gm = 1m


Similar Part No. - LTC1438XCG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1438XCG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1538-AUX LINER-LTC1538-AUX Datasheet
451Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1539 LINER-LTC1539_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1439 LINER-LTC1439_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com