Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1434CGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1434CGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434CGN Datasheet(HTML) 2 Page - Linear Technology

  LTC1434CGN Datasheet HTML 1Page - Linear Technology LTC1434CGN Datasheet HTML 2Page - Linear Technology LTC1434CGN Datasheet HTML 3Page - Linear Technology LTC1434CGN Datasheet HTML 4Page - Linear Technology LTC1434CGN Datasheet HTML 5Page - Linear Technology LTC1434CGN Datasheet HTML 6Page - Linear Technology LTC1434CGN Datasheet HTML 7Page - Linear Technology LTC1434CGN Datasheet HTML 8Page - Linear Technology LTC1434CGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1433/LTC1434
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Voltages Referred to PGND Pin)
Input Supply Voltage (PWRVIN, SVIN) ... 13.5V to – 0.3V
DC Small Switch Current (SSW) ......................... 100mA
Peak Small Switch Current (SSW) ..................... 300mA
Small Switch Voltage
(SSW) ................................ (VIN + 0.3V) to (VIN – 13.5V)
DC Large Switch Current (BSW) ....................... 600mA
Peak Large Switch Current (BSW) .......................... 1.2A
Large Switch Voltage
(BSW) ................................ (VIN + 0.3V) to (VIN – 13.5V)
PLLIN, PLL LPF, ITH, COSC ........................2.7V to – 0.3V
POR, LBO .................................................. 12V to – 0.3V
LBI, VOSENSE ..............................................10V to – 0.3V
RUN/SS, VPROG Voltages
VIN ≥ 11.7V ...........................................12V to – 0.3V
VIN < 11.7V ............................... (VIN + 0.3V) to – 0.3V
Commercial Temperature Range
LTC1433C/LTC1434C .............................. 0
°C to 70°C
Extended Commercial Operating Temperature
Range (Note 2) ....................................... – 40
°C to 85°C
Industrial Temperature Range (Note 3)
LTC1433I/LTC1434I ........................... – 40
°C to 85°C
Junction Temperature (Note 4)............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1433CGN
LTC1433IGN
LTC1434CGN
LTC1434IGN
TJMAX = 125°C, θJA = 150°C/ W
TJMAX = 125°C, θJA = 150°C/ W
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
PGND
SVIN
COSC
POR
ITH
VOSENSE
VPROG
Consult factory for Military grade parts.
1
2
3
4
5
6
7
8
9
10
TOP VIEW
GN PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
NC
SSW
NC
BSW
SGND
NC
RUN/SS
NC
LBO
LBI
PWRVIN
PGND
SVIN
PLLIN
PLL LPF
COSC
POR
ITH
VOSENSE
VPROG
ELECTRICAL CHARACTERISTICS T
A = 25°C, VIN = 10V, VRUN/SS = 5V, unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IIN VOSENSE
Feedback Current
VPROG Pin Open (Note 5)
10
50
nA
VOSENSE
Regulated Output Voltage
(Note 5)
1.19V (Adjustable) Selected
VPROG Pin Open
q
1.178
1.190
1.202
V
3.3V Selected
VPROG = 0V
q
3.220
3.300
3.380
V
5V Selected
VPROG = VIN
q
4.880
5.000
5.120
V
VOVL
Output Overvoltage Lockout
VPROG Pin Open
1.24
1.28
1.32
V
∆VOSENSE
Reference Voltage Line Regulation
VIN = 3.6V to 13V (Note 5), VPROG Pin Open
0.002
0.01
%/V
VLOADREG
Output Voltage Load Regulation
ITH Sinking 5µA (Note 5)
q
0.5
0.8
%
ITH Sourcing 5µA (Note 5)
q
– 0.5
– 0.8
%


Similar Part No. - LTC1434CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1434 LINER-LTC1434 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
LTC1434 LINER-LTC1434_15 Datasheet
327Kb / 20P
   450mA, Low Noise Current Mode Step-Down DC/DC Converters
More results

Similar Description - LTC1434CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1433 LINER-LTC1433_15 Datasheet
327Kb / 20P
   450mA, Low Noise Current Mode Step-Down DC/DC Converters
LTC1434 LINER-LTC1434_15 Datasheet
327Kb / 20P
   450mA, Low Noise Current Mode Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
   5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
   ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
   3.3V Step down current mode PWM DC-DC converters
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com