Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1433IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1433IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1433IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1433IGN Datasheet HTML 1Page - Linear Technology LTC1433IGN Datasheet HTML 2Page - Linear Technology LTC1433IGN Datasheet HTML 3Page - Linear Technology LTC1433IGN Datasheet HTML 4Page - Linear Technology LTC1433IGN Datasheet HTML 5Page - Linear Technology LTC1433IGN Datasheet HTML 6Page - Linear Technology LTC1433IGN Datasheet HTML 7Page - Linear Technology LTC1433IGN Datasheet HTML 8Page - Linear Technology LTC1433IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1433/LTC1434
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0.001
60
70
80
0.01
0.1
1
1433/34 G01
50
40
100
90
VIN = 5V
VIN = 12V
VIN = 3.6V
VOUT = 3.3V
L = 22
µH
CSOC = 47pF
Efficiency of Figure 1 for L = 22
µH
SUPPLY VOLTAGE (V)
3.2
3.0
3.2
3.4
4.8
1433/34 G03
2.8
2.6
2.9
3.1
3.3
2.7
2.5
2.4
3.6
4.0
4.4
3.4
5.0
3.8
4.2
4.6
5.2
VPROG = 0V
L = 20
µH
COSC = 50pF
IOUT
300mA
IOUT
400mA
IOUT
500mA
Dropout Characteristics at Different
Load Currents (VOUT = 3.3V)
SUPPLY VOLTAGE (V)
3
360
380
400
420
440
57
9
11
1433/34 G02
460
480
46
8
10
Supply Current vs Supply Voltage
Dropout Characteristics at Different
Load Currents (VOUT = 5V)
Maximum Output Current
vs Input Supply
SUPPLY VOLTAGE (V)
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
4.7
4.8
4.9
1433/34 G04
4.6
4.5
4.2
4.3
4.4
5.1
5.0
IOUT
200mA
IOUT
400mA
IOUT
300mA
VPROG = VIN
L = 20
µH
COSC = 50pF
SUPPLY VOLTAGE (V)
3
500
600
700
800
11
1433/34 G05
400
300
200
5
7
9
13
VOUT
3.3V
VOUT
5V
L = 22
µH
COSC = 50pF
Reference Voltage
vs Temperature
TEMPERATURE (
°C)
–45
1.186
1.194
115
1433/34 G06
1.178
1.170
–5
35
75
–25
15
55
95
1.202
1.182
1.190
1.174
1.198
SUPPLY VOLTAGE (V)
3
6
8
11
1433/34 G07
4
2
5
7
3
1
0
5
7
9
412
6
8
10
13
TA = 25°C
TA = 70°C
TA = 0°C
Switch Resistance of Small FET
Switch Leakage Current
vs Temperature
TEMPERATURE (
°C)
0
40
50
70
60
100
1433/34 G09
30
20
20
40
80
120
140
10
0
60
160
200
280
120
80
40
0
240
VIN = 13.5V
SSW PIN
BSW PIN
Switch Resistance of Big FET
SUPPLY VOLTAGE (V)
3
1.2
1.6
2.0
11
1433/34 G08
0.8
0.4
0
1.4
1.8
1.0
0.6
0.2
5
7
9
412
6
8
10
13
TA = 70°C
TA = 0°C
TA = 25°C


Similar Part No. - LTC1433IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1433 LINER-LTC1433 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
LTC1433 LINER-LTC1433_15 Datasheet
327Kb / 20P
   450mA, Low Noise Current Mode Step-Down DC/DC Converters
More results

Similar Description - LTC1433IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1433 LINER-LTC1433_15 Datasheet
327Kb / 20P
   450mA, Low Noise Current Mode Step-Down DC/DC Converters
LTC1434 LINER-LTC1434_15 Datasheet
327Kb / 20P
   450mA, Low Noise Current Mode Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
   5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
   ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
   3.3V Step down current mode PWM DC-DC converters
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com