Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDR-240-V-5 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DDR-240-V-5
Description  DDR SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DDR-240-V-5 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DDR-240-V-5 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - DDR-240-V-5

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DDR-240-V-4-SMT ADAM-TECH-DDR-240-V-4-SMT Datasheet
176Kb / 1P
   DDR SOCKET
More results

Similar Description - DDR-240-V-5

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DDR-184-V-3 ADAM-TECH-DDR-184-V-3 Datasheet
136Kb / 1P
   DDR SOCKET
DDR-240-V-4-SMT ADAM-TECH-DDR-240-V-4-SMT Datasheet
176Kb / 1P
   DDR SOCKET
DIMM168V1 ADAM-TECH-DIMM168V1 Datasheet
121Kb / 1P
   DIMM SOCKET S.O. DIMM SOCKET DDR SOCKET
DDR-184-V-1 ADAM-TECH-DDR-184-V-1 Datasheet
91Kb / 1P
   DDR SOCKET 184P LATCHING SOCKETS
logo
Fujitsu Component Limit...
FCN-07 FUJITSU-FCN-07 Datasheet
790Kb / 3P
   DDR-2 DIMM SMT Vertical Mount Socket
logo
Molex Electronics Ltd.
0876391011 MOLEX11-0876391011 Datasheet
30Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Reverse Footprint
0876391001 MOLEX11-0876391001 Datasheet
30Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Reverse Footprint, 25 Angle,
0877050051 MOLEX11-0877050051 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-II DIMM Socket, Vertical, Center Keys
0879180202 MOLEX11-0879180202 Datasheet
34Kb / 2P
   0.60mm Pitch miniDIMM DDR Socket, Surface Mount, Right Angle
0877051053 MOLEX11-0877051053 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-II DIMM Socket, Vertical, Center Keys
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com