Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1435ACS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1435ACS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435ACS Datasheet(HTML) 5 Page - Linear Technology

  LTC1435ACS Datasheet HTML 1Page - Linear Technology LTC1435ACS Datasheet HTML 2Page - Linear Technology LTC1435ACS Datasheet HTML 3Page - Linear Technology LTC1435ACS Datasheet HTML 4Page - Linear Technology LTC1435ACS Datasheet HTML 5Page - Linear Technology LTC1435ACS Datasheet HTML 6Page - Linear Technology LTC1435ACS Datasheet HTML 7Page - Linear Technology LTC1435ACS Datasheet HTML 8Page - Linear Technology LTC1435ACS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1435A
TYPICAL PERFORMANCE CHARACTERISTICS
Soft Start: Load Current vs Time
Burst Mode Operation
PIN FUNCTIONS
ever EXTVCC is higher than 4.7V. See EXTVCC connection
in Applications Information section. Do not exceed 10V on
this pin. Connect to VOUT if VOUT ≥ 5V.
PGND (Pin 10): Driver Power Ground. Connects to source
of bottom N-channel MOSFET and the (–) terminal of CIN.
BG (Pin 11): High Current Gate Drive for Bottom
N-Channel MOSFET. Voltage swing at this pin is from
ground to INTVCC.
INTVCC (Pin 12): Output of the Internal 5V Regulator and
EXTVCC Switch. The driver and control circuits are pow-
ered from this voltage. Must be closely decoupled to power
ground with a minimum of 2.2
µF tantalum or electrolytic
capacitor.
VIN (Pin 13): Main Supply Pin. Must be closely decoupled
to the IC’s signal ground pin.
SW (Pin 14): Switch Node Connection to Inductor. Volt-
age swing at this pin is from a Schottky diode (external)
voltage drop below ground to VIN.
BOOST (Pin 15): Supply to Topside Floating Driver. The
bootstrap capacitor is returned to this pin. Voltage swing
at this pin is from INTVCC to VIN + INTVCC.
TG (Pin 16): High Current Gate Drive for Top N-Channel
MOSFET. This is the output of a floating driver with a
voltage swing equal to INTVCC superimposed on the
switch node voltage SW.
COSC (Pin 1): External capacitor COSC from this pin to
ground sets the operating frequency.
RUN/SS (Pin 2): Combination of Soft Start and Run
Control Inputs. A capacitor to ground at this pin sets the
ramp time to full current output. The time is approximately
0.5s/
µF. Forcing this pin below 1.3V causes the device to
be shut down. In shutdown all functions are disabled.
ITH (Pin 3): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 2.5V.
SFB (Pin 4): Secondary Winding Feedback Input. Nor-
mally connected to a feedback resistive divider from the
secondary winding. This pin should be tied to: ground to
force continuous operation; INTVCC in applications that
don’t use a secondary winding; and a resistive divider from
the output in applications using a secondary winding.
SGND (Pin 5): Small-Signal Ground. Must be routed
separately from other grounds to the (–) terminal of COUT.
VOSENSE (Pin 6): Receives the feedback voltage from an
external resistive divider across the output.
SENSE (Pin 7): The (–) Input to the Current Comparator.
SENSE + (Pin 8): The (+) Input to the Current Comparator.
Built-in offsets between SENSEand SENSE+ pins in
conjunction with RSENSE set the current trip thresholds.
EXTVCC (Pin 9): Input to the Internal Switch Connected to
INTVCC. This switch closes and supplies VCC power when-
ILOAD = 50mA
1435A G16
VOUT
20mV/DIV
VITH
200mV/DIV
1435A G17
RUN/SS
5V/DIV
INDUCTOR
CURRENT
1A/DIV


Similar Part No. - LTC1435ACS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1435ACS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com