Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-53MT80KPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-53MT80KPBF
Description  Three Phase Controlled Bridge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-53MT80KPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-53MT80KPBF Datasheet HTML 1Page - Vishay Siliconix VS-53MT80KPBF Datasheet HTML 2Page - Vishay Siliconix VS-53MT80KPBF Datasheet HTML 3Page - Vishay Siliconix VS-53MT80KPBF Datasheet HTML 4Page - Vishay Siliconix VS-53MT80KPBF Datasheet HTML 5Page - Vishay Siliconix VS-53MT80KPBF Datasheet HTML 6Page - Vishay Siliconix VS-53MT80KPBF Datasheet HTML 7Page - Vishay Siliconix VS-53MT80KPBF Datasheet HTML 8Page - Vishay Siliconix VS-53MT80KPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VS-5.MT...KPbF, VS-9.MT...KPbF, VS-11.MT...KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Feb-14
4
Document Number: 94353
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Current Ratings Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Total Output Current (A)
515
10
25
35
30
20
40
50
45
55
0
94353_03a
80
60
180
220
0
20
140
100
120
200
40
160
120°
(Rect.)
5.MT..K Series
T
J = 125 °C
Maximum Allowable Ambient
Temperature (°C)
25
50
75
100
125
0
0.3
K/W
0.4
K/W
0.5
K/W
0.7
K/W
1.0
K/W
1.5 K/W
80
60
180
220
0
20
140
100
120
200
40
160
94353_03b
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
94353_04
5.MT..K Series
Per junction
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
350
150
250
200
300
Pulse Train Duration (s)
0.1
1
0.01
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
5.MT..K Series
Per junction
400
350
150
94353_05
250
200
300
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
Total Output Current (A)
20
40
60
80
100
0
120°
(Rect.)
9.MT..K Series
100
120
130
80
94353_06
90
110
~
+
-
Total Output Current
1.0
2.0
1.5
0.5
2.5
3.0
3.5
4.0
T
J = 25 °C
T
J = 125 °C
94353_07
100
1000
1
10
9.MT..K Series
Per junction


Similar Part No. - VS-53MT80KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-53MT80KS90PBF VISHAY-VS-53MT80KS90PBF Datasheet
228Kb / 9P
   Three Phase Controlled Bridge
Revision: 27-Feb-14
More results

Similar Description - VS-53MT80KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
51MT160KB IRF-51MT160KB Datasheet
121Kb / 9P
   THREE PHASE CONTROLLED BRIDGE
logo
Vishay Siliconix
VS-113MT160KS90PBF VISHAY-VS-113MT160KS90PBF Datasheet
228Kb / 9P
   Three Phase Controlled Bridge
Revision: 27-Feb-14
logo
International Rectifier
45MT160P IRF-45MT160P Datasheet
120Kb / 7P
   THREE PHASE CONTROLLED BRIDGE
logo
Semikron International
SKS700NB6C470V16 SEMIKRON-SKS700NB6C470V16 Datasheet
208Kb / 3P
   Three-phase controlled bridge rectifier
SKS360FB6C240V16 SEMIKRON-SKS360FB6C240V16 Datasheet
207Kb / 3P
   Three-phase controlled bridge rectifier
SKS1080FB6C730V16 SEMIKRON-SKS1080FB6C730V16 Datasheet
208Kb / 3P
   Three-phase controlled bridge rectifier
logo
Sirectifier Semiconduct...
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
IXYS Corporation
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com