Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQS401EN-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQS401EN-T1-GE3
Description  Automotive P-Channel 40 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQS401EN-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SQS401EN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SQS401EN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SQS401EN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SQS401EN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SQS401EN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SQS401EN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SQS401EN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SQS401EN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SQS401EN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SQS401EN
www.vishay.com
Vishay Siliconix
S11-2129 Rev. C, 31-Oct-11
2
Document Number: 65529
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = - 250 μA
- 40
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 40 V
-
-
- 1
μA
VGS = 0 V
VDS = - 40 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 40 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS
≥ 5 V
- 20
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 12 A
-
0.020
0.029
Ω
VGS = - 10 V
ID = - 12 A, TJ = 125 °C
-
0.030
0.043
VGS = - 10 V
ID = - 12 A, TJ = 175 °C
-
0.040
0.051
VGS = - 4.5 V
ID = - 9 A
-
0.035
0.047
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 7 A
-
12
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 20 V, f = 1 MHz
-
1565
1875
pF
Output Capacitance
Coss
-
245
295
Reverse Transfer Capacitance
Crss
-
170
205
Total Gate Chargec
Qg
VGS = - 4.5 V
VDS = - 20 V, ID = - 9.3 A
-
17.7
21.2
nC
Gate-Source Chargec
Qgs
-5.6
6.6
Gate-Drain Chargec
Qgd
-8.1
9.7
Gate Resistance
Rg
f = 1 MHz
1.1
1.95
2.8
Ω
Turn-On Delay Timec
td(on)
VDD = - 20 V, RL = 14.2
Ω
ID
≅ - 1.4 A, VGEN = - 10 V, Rg = 1 Ω
-11
14
ns
Rise Timec
tr
-10
13
Turn-Off Delay Timec
td(off)
-
36.5
44
Fall Timec
tf
-
10.2
13
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
- 64
A
Forward Voltage
VSD
IF = - 8.8 A, VGS = 0
-
- 0.8
- 1.1
V


Similar Part No. - SQS401EN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS401EN-T1-GE3 VISHAY-SQS401EN-T1-GE3 Datasheet
564Kb / 13P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 31-Oct-11
SQS401EN-T1-GE3 VISHAY-SQS401EN-T1-GE3 Datasheet
577Kb / 14P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 26-Aug-13
More results

Similar Description - SQS401EN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2319ADS VISHAY-SQ2319ADS_V01 Datasheet
211Kb / 9P
   Automotive P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SQ2319ADS VISHAY-SQ2319ADS Datasheet
279Kb / 11P
   Automotive P-Channel 40 V (D-S) MOSFET
Rev. A, 12-Oct-15
SQ2319ADS VISHAY-SQ2319ADS_V02 Datasheet
210Kb / 9P
   Automotive P-Channel 40 V (D-S) MOSFET
01-Jan-2023
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 C MOSFET
Rev. C, 07-Nov-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
154Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
Rev. C, 24-Oct-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQM40061EL VISHAY-SQM40061EL Datasheet
203Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
SQ3419AEEV VISHAY-SQ3419AEEV Datasheet
264Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com