Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD50P04-09L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQD50P04-09L
Description  Automotive P-Channel 40 V (D-S) 175 째C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD50P04-09L Datasheet(HTML) 2 Page - Vishay Siliconix

  SQD50P04-09L Datasheet HTML 1Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 2Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 3Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 4Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 5Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 6Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 7Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 8Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQD50P04-09L
www.vishay.com
Vishay Siliconix
S11-2065-Rev. C, 24-Oct-11
2
Document Number: 65018
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
- 40
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
-
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 40 V
-
-
- 1
μA
VGS = 0 V
VDS = - 40 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 40 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 50
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 17 A
-
0.0076
0.0094
VGS = - 10 V
ID = - 50 A, TJ = 125 °C
-
-
0.014
VGS = - 10 V
ID = - 50 A, TJ = 175 °C
-
-
0.017
VGS = - 4.5 V
ID = - 14 A
-
0.012
0.019
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 17 A
-
46
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 20 V, f = 1 MHz
-
5339
6675
pF
Output Capacitance
Coss
-
852
1065
Reverse Transfer Capacitance
Crss
-
681
855
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 20 V, ID = - 50 A
-
103
155
nC
Gate-Source Chargec
Qgs
-24
-
Gate-Drain Chargec
Qgd
-16
-
Gate Resistance
Rg
f = 1 MHz
1.4
2.8
4.2
Turn-On Delay Timec
td(on)
VDD = - 20 V, RL = 0.4 
ID  - 50 A, VGEN = - 10 V, Rg = 1 
-13
20
ns
Rise Timec
tr
-15
23
Turn-Off Delay Timec
td(off)
-61
92
Fall Timec
tf
-19
29
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
- 200
A
Forward Voltage
VSD
IF = - 50 A, VGS = 0 V
-
- 0.95
- 1.5
V


Similar Part No. - SQD50P04-09L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD50P04-09L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM40061EL VISHAY-SQM40061EL Datasheet
203Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
SQ3419AEEV VISHAY-SQ3419AEEV Datasheet
264Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD40081EL VISHAY-SQD40081EL_V01 Datasheet
241Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD50P04-09L VISHAY-SQD50P04-09L_V01 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ147ELP VISHAY-SQJ147ELP Datasheet
258Kb / 8P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Aug-2020
SQM120N04 VISHAY-SQM120N04_V01 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3419EV VISHAY-SQ3419EV_V01 Datasheet
262Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQS411ENW VISHAY-SQS411ENW_V01 Datasheet
255Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM50P04 VISHAY-SQM50P04_V01 Datasheet
162Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com