Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7960DP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI7960DP
Description  Dual N-Channel 60-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7960DP Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI7960DP_15 Datasheet HTML 2Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 3Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 4Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 5Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 6Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 7Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 8Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 9Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 20-May-13
1
Document Number: 71655
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® SO-8, (Single/Dual)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
-
0.05
0
-
0.002
b
0.33
0.41
0.51
0.013
0.016
0.020
c
0.23
0.28
0.33
0.009
0.011
0.013
D
5.05
5.15
5.26
0.199
0.203
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.56
3.76
3.91
0.140
0.148
0.154
D3
1.32
1.50
1.68
0.052
0.059
0.066
D4
0.57 typ.
0.0225 typ.
D5
3.98 typ.
0.157 typ.
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
5.79
5.89
5.99
0.228
0.232
0.236
E2 (for AL product)
3.30
3.48
3.66
0.130
0.137
0.144
E2 (for other product)
3.48
3.66
3.84
0.137
0.144
0.151
E3
3.68
3.78
3.91
0.145
0.149
0.154
E4 (for AL product)
0.58 typ.
0.023 typ.
E4 (for other product)
0.75 typ.
0.030 typ.
e
1.27 BSC
0.050 BSC
K (for AL product)
1.45 typ.
0.057 typ.
K (for other product)
1.27 typ.
0.050 typ.
K1
0.56
-
-
0.022
-
-
H
0.51
0.61
0.71
0.020
0.024
0.028
L
0.51
0.61
0.71
0.020
0.024
0.028
L1
0.06
0.13
0.20
0.002
0.005
0.008
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 typ.
0.005 typ.
ECN: C13-0702-Rev. K, 20-May-13
DWG: 5881
3. Dimensions exclusive of mold flash and cutting burrs.
1.
Notes
2
Inch will govern.
Dimensions exclusive of mold gate burrs.
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D
D1
D2
θ
θ
E1
E2
1
2
3
4
H
4
3
2
1
1
2
3
4
L
Z
A1
K
E
W
L1
E3
E4
E4
K
L
H
E2
E3
2


Similar Part No. - SI7960DP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7960DP-T1-E3 VISHAY-SI7960DP-T1-E3 Datasheet
521Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
SI7960DP-T1-GE3 VISHAY-SI7960DP-T1-GE3 Datasheet
521Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

Similar Description - SI7960DP_15

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com