Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1418I Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1418I
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418I Datasheet(HTML) 1 Page - Linear Technology

  LTC1418I Datasheet HTML 1Page - Linear Technology LTC1418I Datasheet HTML 2Page - Linear Technology LTC1418I Datasheet HTML 3Page - Linear Technology LTC1418I Datasheet HTML 4Page - Linear Technology LTC1418I Datasheet HTML 5Page - Linear Technology LTC1418I Datasheet HTML 6Page - Linear Technology LTC1418I Datasheet HTML 7Page - Linear Technology LTC1418I Datasheet HTML 8Page - Linear Technology LTC1418I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1418
Low Power, 14-Bit, 200ksps
ADC with Serial and Parallel I/O
OUTPUT CODE
4096
0
–1.0
–0.5
0
0.5
1.0
8192
1418 TA02
12288
16384
Typical INL Curve
The LTC
®1418 is a low power, 200ksps, 14-bit A/D
converter. Data output is selectable for 14-bit parallel or
serial format. This versatile device can operate from a
single 5V or
±5V supply. An onboard high performance
sample-and-hold, a precision reference and internal tim-
ing minimize external circuitry requirements. The low
15mW power dissipation is made even more attractive
with two user selectable power shutdown modes.
The LTC1418 converts 0V to 4.096V unipolar inputs from
a single 5V supply and
±2.048V bipolar inputs from ±5V
supplies. DC specs include
±1.25LSB INL, ±1LSB DNL
and no missing codes over temperature. Outstanding AC
performance includes 82dB S/(N + D) and 94dB THD at the
Nyquist input frequency of 100kHz.
The flexible output format allows either parallel or serial I/O.
The SPI/MICROWIRE
TM compatible serial I/O port can oper-
ate as either master or slave and can support clock frequen-
cies from DC to 10MHz. A separate convert start input and
a data ready signal (BUSY) allow easy control of conversion
start and data transfer.
DESCRIPTION
FEATURES
s
Single Supply 5V or
±5V Operation
s
Sample Rate: 200ksps
s
±1.25LSB INL and ±1LSB DNL Max
s
Power Dissipation: 15mW (Typ)
s
Parallel or Serial Data Output
s
No Missing Codes Over Temperature
s
Power Shutdown: Nap and Sleep
s
External or Internal Reference
s
Differential High Impedance Analog Input
s
Input Range: 0V to 4.096V or
±2.048V
s
81.5dB S/(N + D) and – 94dB THD at Nyquist
s
28-Pin Narrow PDIP and SSOP Packages
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
s
Remote Data Acquisition
s
Battery Operated Systems
s
Digital Signal Processing
s
Isolated Data Acquisition Systems
s
Audio and Telecom Processing
s
Medical Instrumentation
APPLICATIONS
S/H
14
BUFFER
8k
10
µF
10
µF
REFCOMP
AIN
AIN
+
VREF
4.096V
5V
LTC1418
14-BIT ADC
SELECTABLE
SERIAL/
PARALLEL
PORT
D13
DGND
1418 TA01
VSS
(0V OR – 5V)
AGND
SER/PAR
D5
D4 (EXTCLKIN)
D3 (SCLK)
D2 (CLKOUT)
D1 (DOUT)
D0 (EXT/INT)
VDD
TIMING AND
LOGIC
2.5V
REFERENCE
BUSY
CS
RD
CONVST
SHDN
1
µF
Low Power, 200kHz, 14-Bit Sampling A/D Converter


Similar Part No. - LTC1418I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1418 LINER-LTC1418_15 Datasheet
480Kb / 30P
   Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
More results

Similar Description - LTC1418I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1418 LINER-LTC1418_15 Datasheet
480Kb / 30P
   Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
LTC1417 LINER-LTC1417 Datasheet
394Kb / 32P
   Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
LTC1417 LINER-LTC1417_15 Datasheet
409Kb / 32P
   Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
logo
Maxim Integrated Produc...
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com