Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7157DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7157DP
Description  P-Channel 20-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7157DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7157DP Datasheet HTML 1Page - Vishay Siliconix SI7157DP Datasheet HTML 2Page - Vishay Siliconix SI7157DP Datasheet HTML 3Page - Vishay Siliconix SI7157DP Datasheet HTML 4Page - Vishay Siliconix SI7157DP Datasheet HTML 5Page - Vishay Siliconix SI7157DP Datasheet HTML 6Page - Vishay Siliconix SI7157DP Datasheet HTML 7Page - Vishay Siliconix SI7157DP Datasheet HTML 8Page - Vishay Siliconix SI7157DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
Si7157DP
Document Number: 62860
S13-1665-Rev. A, 29-Jul-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
P-Channel 20-V (D-S) MOSFET
FEATURES
TrenchFET® Gen III P-Channel Power MOSFET
•100 % Rg and UIS Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
For Mobile Computing
- Adaptor Switch
- Battery Switch
- Load Switch
- Power Management
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under steady state conditions is 54 °C/W.
d. Package limited.
e. See solder profile
(www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
- 20
0.0016 at VGS = - 10 V
- 60d
202.5 nC
0.0020 at VGS = - 4.5 V
- 60d
0.0032 at VGS = - 2.5 V
- 60d
Ordering Information:
Si7157DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK® SO-8
Bottom View
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 60d
A
TC = 70 °C
- 60d
TA = 25 °C
- 46.5a, b
TA = 70 °C
- 37.2a, b
Pulsed Drain Current (tp = 100 µs)
IDM
- 300
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 60d
TA = 25 °C
- 5.6a, b
Avalanche Current
L = 0.1 mH
IAS
- 35
Single-Pulse Avalanche Energy
EAS
61.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
104
W
TC = 70 °C
66.6
TA = 25 °C
6.25a, b
TA = 70 °C
4a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
10 s
RthJA
15
20
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.9
1.2


Similar Part No. - SI7157DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7157DP VISHAY-SI7157DP Datasheet
340Kb / 13P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
SI7157DP ISC-SI7157DP Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Vishay Siliconix
SI7157DP VISHAY-SI7157DP_V01 Datasheet
340Kb / 13P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7157DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com