Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3437DV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3437DV
Description  P-Channel 150-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3437DV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3437DV_15 Datasheet HTML 1Page - Vishay Siliconix SI3437DV_15 Datasheet HTML 2Page - Vishay Siliconix SI3437DV_15 Datasheet HTML 3Page - Vishay Siliconix SI3437DV_15 Datasheet HTML 4Page - Vishay Siliconix SI3437DV_15 Datasheet HTML 5Page - Vishay Siliconix SI3437DV_15 Datasheet HTML 6Page - Vishay Siliconix SI3437DV_15 Datasheet HTML 7Page - Vishay Siliconix SI3437DV_15 Datasheet HTML 8Page - Vishay Siliconix SI3437DV_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si3437DV
Document Number: 73899
S09-0766-Rev. B, 04-May-09
www.vishay.com
1
P-Channel 150-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
- 150
0.75 at VGS = - 10 V
- 1.4
8 nC
0.79 at VGS = - 6 V
- 1.3
Notes:
a. TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 150
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 1.4
A
TC = 70 °C
- 1.1
TA = 25 °C
- 1.1b,c
TA = 70 °C
- 0.88b,c
Pulsed Drain Current
IDM
- 5
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 2.6
TA = 25 °C
1.6b,c
Avalanche Current
L = 0.1 mH
IAS
5
Single-Pulse Avalanche Energy
EAS
1.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.2
W
TC = 70 °C
2.1
TA = 25 °C
2b,c
TA = 70 °C
1.25b,c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
51
62.5
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
32
39
Marking Code
AH
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si3437DV-T1-E3 (Lead (Pb)-free)
Si3437DV-T1-GE3 (Lead (Pb)-free and Halogen-free)
TSOP-6
Top View
6
4
1
2
3
5
3 mm
2.85 mm
D
D
D
D
S
G
S
G
D
P-Channel MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Active Clamp Circuits in DC/DC Power Supplies


Similar Part No. - SI3437DV_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI3437DV-HF KEXIN-SI3437DV-HF Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI3437DV-T1-E3 VISHAY-SI3437DV-T1-E3 Datasheet
121Kb / 7P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
VBsemi Electronics Co.,...
SI3437DV-T1-GE3 VBSEMI-SI3437DV-T1-GE3 Datasheet
452Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_V01 Datasheet
233Kb / 11P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3437DV_15

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com